Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1203IPWT Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1203IPWT
Szczegółowy opis  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWT Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1203IPWT Datasheet HTML 1Page - Texas Instruments ADS1203IPWT Datasheet HTML 2Page - Texas Instruments ADS1203IPWT Datasheet HTML 3Page - Texas Instruments ADS1203IPWT Datasheet HTML 4Page - Texas Instruments ADS1203IPWT Datasheet HTML 5Page - Texas Instruments ADS1203IPWT Datasheet HTML 6Page - Texas Instruments ADS1203IPWT Datasheet HTML 7Page - Texas Instruments ADS1203IPWT Datasheet HTML 8Page - Texas Instruments ADS1203IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV,
VIN− = 0V, Mode 3, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
ADS1203I
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNITS
Resolution
16
Bits
DC Accuracy
INL
Integral linearity error(2)
±1
±4
LSB
INL
Integral linearity error(2)
TA = −40°C to +85°C
±3
LSB
DNL
Differential nonlinearity(3)
±1
LSB
VOS
Input offset(4)
±220
±1000
µV
TCVOS
Input offset drift
±3.5
±8
µV/°C
GERR
Gain error(4)
REFIO = internal 2.5V
±0.2
±1.4
%
GERR
Gain error(4)
REFIO = internal 2.5V, TA = −40°C to +85°C
−1
1
%
TCGERR
Gain error drift
±30
ppm/
°C
TCGERR
Gain error drift
TA = −40°C to +85°C
±20
ppm/
°C
PSRR
Power-supply rejection ratio
4.5V < AVDD or VDD < 5.5V
80
dB
Analog Input
FSR
Full-scale differential range
(VIN+) − (VIN−)
±320
mV
Operating common-mode
signal(3)
−0.1
5
V
Input capacitance
Common-mode
3
pF
Input leakage current
±16
nA
Input leakage current
TA = −40°C to +85°C
±1
nA
Differential input resistance
Equivalent
28
k
Differential input capacitance
5
pF
CMRR
Common-mode rejection ratio
At DC
92
dB
CMRR
Common-mode rejection ratio
VIN = 0V to 5V at 50kHz
105
dB
Internal Clock for Modes 0, 1, and 2
Clock frequency
8.7
10
11
MHz
Clock frequency
TA = −40°C to +85°C
9
11
MHz
External Clock for Mode 3
Clock frequency(5)
16
20
24
MHz
(1) All typical values are at T
A = +25
°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the supported external clock frequency range is 1MHz up to 32MHz.
(6) Available only for QFN package.
(7) Applicable for 5.0V nominal supply: BV
DD = 4.5V to 5.5V.
(8) Applicable for 3.0V nominal supply: BV
DD = 2.7V to 3.6V.
(9) Measured with CLKOUT pin not loaded.


Podobny numer części - ADS1203IPWT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Podobny opis - ADS1203IPWT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com