Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1208IPW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1208IPW
Szczegółowy opis  2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1208IPW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1208IPW Datasheet HTML 2Page - Texas Instruments ADS1208IPW Datasheet HTML 3Page - Texas Instruments ADS1208IPW Datasheet HTML 4Page - Texas Instruments ADS1208IPW Datasheet HTML 5Page - Texas Instruments ADS1208IPW Datasheet HTML 6Page - Texas Instruments ADS1208IPW Datasheet HTML 7Page - Texas Instruments ADS1208IPW Datasheet HTML 8Page - Texas Instruments ADS1208IPW Datasheet HTML 9Page - Texas Instruments ADS1208IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
Internal
MCLK
Internal
MDATA
MDATA
t
C 1
t
W 1
1
0
1
1
0
0
TIMING CHARACTERISTICS: MODE 2
M D A T
M C LK
t
C 4
t
W 4
t
D 4
M C LK
TIMING CHARACTERISTICS: MODE 3
ADS1208
SBAS348A – MARCH 2005 – REVISED MARCH 2005
Figure 3. Mode 2 Operation
Over recommended operating free-air temperature range at –40°C to +85°C, and AV
DD = +5V, BVDD = +2.7 to +5.5V, unless
otherwise noted.
PARAMETER
MIN
MAX
UNIT
tC1
Clock period
83
125
ns
tW1
Clock high time
(tC1 /2) – 5
(tC1 /2) + 5
ns
note:
MCLK is system clock input. MCLK is modulator clock output. Modulator clock frequency is half of system clock
frequency.
Figure 4. Mode 3 Operation
Over recommended operating free-air temperature range at –40°C to +85°C, and AV
DD = +5V, BVDD = +2.7 to +5.5V, unless
otherwise noted.
PARAMETER
MIN
MAX
UNIT
tC4
Clock period
41
1000
ns
tW4
Clock high time
10
tC4 – 10
ns
tD4
Data and output clock delay after falling edge of input clock
0
10
ns
tR
Rise time of clock (10% to 90% of BVDD)
0
10
ns
tF
Fall time of clock (90% to 10% of BVDD)
0
10
ns
6


Podobny numer części - ADS1208IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1208IPW BURR-BROWN-ADS1208IPW Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208IPW TI1-ADS1208IPW Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208IPWG4 BURR-BROWN-ADS1208IPWG4 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208IPWG4 TI1-ADS1208IPWG4 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208IPWR BURR-BROWN-ADS1208IPWR Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
More results

Podobny opis - ADS1208IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com