Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1610 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS1610
Szczegółowy opis  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1610 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1610_14 Datasheet HTML 4Page - Texas Instruments ADS1610_14 Datasheet HTML 5Page - Texas Instruments ADS1610_14 Datasheet HTML 6Page - Texas Instruments ADS1610_14 Datasheet HTML 7Page - Texas Instruments ADS1610_14 Datasheet HTML 8Page - Texas Instruments ADS1610_14 Datasheet HTML 9Page - Texas Instruments ADS1610_14 Datasheet HTML 10Page - Texas Instruments ADS1610_14 Datasheet HTML 11Page - Texas Instruments ADS1610_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 100kHz, − 2dBFS
SNR = 86dBFS
THD =
−90dB
SFDR = 90dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 100kHz, − 6dBFS
SNR = 86dBFS
THD =
−95dB
SFDR = 97dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 1.0MHz, − 2dBFS
SNR = 86dBFS
THD =
−91dB
SFDR = 94dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 1.0MHz, − 6dBFS
SNR = 86dBFS
THD =
−93dB
SFDR = 94dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 4.0MHz, − 2dBFS
SNR = 86dBFS
SFDR = 109dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 4.0MHz, − 6dBFS
SNR = 86dBFS
SFDR = 105dB
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
At T
A = 25°C, RBIAS = 19kΩ, AVDD = 5V, DVDD = 3V, fCLK = 60MHz, VREF = 3V, MODE = 00,and VCM = 2.5V (unless
otherwise noted).
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.
8
Submit Documentation Feedback


Podobny numer części - ADS1610_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1610IPAPR BURR-BROWN-ADS1610IPAPR Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPRG4 BURR-BROWN-ADS1610IPAPRG4 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPT BURR-BROWN-ADS1610IPAPT Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPTG4 BURR-BROWN-ADS1610IPAPTG4 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1610_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com