Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1672IPAGG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1672IPAGG4
Szczegółowy opis  625kSPS, 24-Bit Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1672IPAGG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1672IPAGG4 Datasheet HTML 4Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 5Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 6Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 7Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 8Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 9Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 10Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 11Page - Texas Instruments ADS1672IPAGG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CLK
DRDY
t
SCLK
SCLK
external
t
DRPW
t
CLKDR
t
CSSC
t
CSFDO
t
SPW
t
SPW
t
DOPD
t
CSRDO
DOUT
CS
(1)
MSB
LSB
t
CLK
t
SCLKDR
Hi-Z
START
DRDY
CLK
t
SETTLE
t
START_CLKR
t
CLKDR
t
START
ADS1672
SBAS402D – JUNE 2008 – REVISED JULY 2010
www.ti.com
(1)
CS may be tied low.
Figure 2. Data Retrieval Timing with External SCLK (SCLK_SEL = 1)
TIMING REQUIREMENTS: External SCLK
At TA = –40°C to +85°C, and DVDD = 2.7V to 3.3V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
50
ns
tCLKDR
CLK to DRDY delay
37
ns
tDRPW
DRDY pulse width
1
tCLK
tCSSC
CS active low to first Shift Clock (setup time)
5
ns
tSCLK
SCLK period (1/fSCLK)
25
ns
tSPW
SCLK high or low pulse width
12
ns
tDOPD
Rising edge of SCLK to new valid data output (propagation delay)
11
ns
tSCLKDR
Setup time of DRDY rising after SCLK falling edge
3
tCLK
tCRSDO
CS inactive to data output 3-state
8
ns
Figure 3. START Timing
TIMING REQUIREMENTS: START
At TA = –40°C to +85°C, and DVDD = 2.7V to 3.3V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tSTART_CLKR
Setup time, rising edge of START to rising edge of CLK
0.5
tCLK
tSTART
Start pulse width
1
tCLK
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1672


Podobny numer części - ADS1672IPAGG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672IPAGG4 TI-ADS1672IPAGG4 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1672IPAGG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672 TI-ADS1672 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com