Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1672IPAGRG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1672IPAGRG4
Szczegółowy opis  625kSPS, 24-Bit Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1672IPAGRG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1672IPAGRG4 Datasheet HTML 6Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 7Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 8Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 9Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 10Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 11Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 12Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 13Page - Texas Instruments ADS1672IPAGRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
InputCommon-Mode(V)
115
110
105
100
95
f
=10kHz
IN
|THD|,AIN= 6dBFS
-
SNR,AIN= 0.5dBFS
-
SNR,AIN= 6dBFS
-
|THD|,AIN= 0.5dBFS
-
140
120
100
80
60
40
20
-80
-70
-60
-50
-40
-30
-20
-10
0
Input Signal Amplitude (dBFS)
f
= 10kHz
IN
|THD|
SNR
120
115
110
105
100
95
f
= 10kHz
IN
-40
-15
10
35
60
85
Temperature ( C)
°
|THD|, AIN =
6dBFS
-
SNR, AIN =
0.5dBFS
-
SNR, AIN =
6dBFS
-
|THS|, AIN =
0.5dBFS
-
24-BitOutputCode
2500
2000
1500
1000
500
0
WideBandwidth,f
=625kSPS
=27OutputCodes
65kPoints
Input-Shorted
DATA
s
ADS1672
SBAS402D – JUNE 2008 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 20MHz, VREF = +3V, and RBIAS = 7.5kΩ, unless
otherwise noted.
SNR and |THD|
SNR and |THD|
vs INPUT AMPLITUDE
vs INPUT COMMON-MODE
Figure 10.
Figure 11.
SNR and |THD|
NOISE HISTOGRAM
vs TEMPERATURE
(OSR = 32)
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1672


Podobny numer części - ADS1672IPAGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672IPAGRG4 TI-ADS1672IPAGRG4 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1672IPAGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672 TI-ADS1672 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com