Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1675IPAGR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1675IPAGR
Szczegółowy opis  4MSPS, 24-Bit Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1675IPAGR Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1675IPAGR Datasheet HTML 1Page - Texas Instruments ADS1675IPAGR Datasheet HTML 2Page - Texas Instruments ADS1675IPAGR Datasheet HTML 3Page - Texas Instruments ADS1675IPAGR Datasheet HTML 4Page - Texas Instruments ADS1675IPAGR Datasheet HTML 5Page - Texas Instruments ADS1675IPAGR Datasheet HTML 6Page - Texas Instruments ADS1675IPAGR Datasheet HTML 7Page - Texas Instruments ADS1675IPAGR Datasheet HTML 8Page - Texas Instruments ADS1675IPAGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 32MHz, VREF = +3V, and RBIAS = 7.5kΩ,
unless otherwise noted.
ADS1675
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER CHARACTERISTICS (LOW-LATENCY PATH)
Bandwidth
–3dB attenuation
See the Low-Latency Filter section
Settling time
Complete settling
See Table 5
VOLTAGE REFERENCE INPUTS
Reference input voltage (VREF)
VREF = (VREFP – VREFN)
2.75
3.0
3.5
V
VREFP
2.75
3.0
3.5
V
VREFN
Short to AGND
V
CLOCK (CLK)
VIH
0.7AVDD
AVDD
V
VIL
AGND
0.3AVDD
V
DIGITAL INPUTS
VIH
0.7DVDD
DVDD
V
VIL
DGND
0.3DVDD
V
Input leakage
DGND < VIN < DVDD
±10
mA
CMOS OUTPUTS
VOH
IOH = –2mA
0.8DVDD
V
VOL
IOL = 2mA
0.2DVDD
V
LVDS OUTPUTS
|VOD(SS)|
Steady-state differential output voltage magnitude
340
mV
Change in steady-state differential output voltage
Δ|VOD(SS)|
±50
mV
magnitude between logic states
VOC(SS)
Steady-state common-mode voltage output
1.2
V
Change in steady-state common-mode output
Δ|VOC(SS)|
±50
mV
voltage between logic states
Peak-to-peak change in
VOC(pp)
50
150
mV
common-mode output voltage
VOY or VOZ = 0V
3
mA
Short-circuit output current (IOS)
VOD = 0V
3
mA
High-impedance output current (IOZ)
VO = 0V or +DVDD
±5
mA
Load
5
pF
POWER-SUPPLY REQUIREMENTS
AVDD
4.75
5.0
5.25
V
DVDD
2.85
3.0
3.15
V
AVDD current
70
74
mA
CMOS outputs, DVDD = 3V, DRATE = 011
53
59
mA
DVDD current
LVDS outputs, DVDD = 3V, DRATE = 101
70
74
mA
CMOS outputs, DRATE = 011,
510
545
mW
AVDD = 5V, DVDD = 3V
Power dissipation
LVDS outputs, DRATE = 101,
575
600
mW
AVDD = 5V, DVDD = 3V
Power-down
5
mW
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675


Podobny numer części - ADS1675IPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1675IPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com