Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8350 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS8350
Szczegółowy opis  ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8350 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS8350_14 Datasheet HTML 5Page - Texas Instruments ADS8350_14 Datasheet HTML 6Page - Texas Instruments ADS8350_14 Datasheet HTML 7Page - Texas Instruments ADS8350_14 Datasheet HTML 8Page - Texas Instruments ADS8350_14 Datasheet HTML 9Page - Texas Instruments ADS8350_14 Datasheet HTML 10Page - Texas Instruments ADS8350_14 Datasheet HTML 11Page - Texas Instruments ADS8350_14 Datasheet HTML 12Page - Texas Instruments ADS8350_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
1
2
13
14
15
16
22
23
24
25
26
27
28
30
SCLK
CS
D9
D8
D7
D6
D5
D4
SDO-A
SDO-B
ADS8350
tSU_CSCK
tDV_CSDO
tHT_CKDO
tSU_DOCK
tDZ_CSDO
Sample
N
Sample
N + 1
tACQ
tCONV
tTHROUGHPUT
Data From Sample N
tPH_CS
30
31
D15
D14
17
D3
D2
D1
D0
tPH_CK
tPL_CK
tSCLK
tD_CKCS
32
D7
D6
D5
D4
SDO-A
SDO-B
ADS7850
Data From Sample N
D13
D12
D3
D2
D1
D0
D5
D4
SDO-A
SDO-B
ADS7250
Data From Sample N
D11
D10
D3
D2
D1
D0
0
0
0
0
0
0
ADS8350, ADS7850, ADS7250
www.ti.com
SBAS580C – MAY 2013 – REVISED JUNE 2014
6.9 Timing Characteristics
Minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, DVDD = 3 V, and tDATA = 750 kSPS, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLK = max
750
kSPS
fTHROUGHPUT
Sample taken to data read
fCLK = max
1.33
µs
fCLK
CLOCK frequency
fTHROUGHPUT = max
24
MHz
tCLK
CLOCK period
fTHROUGHPUT = max
41.66
ns
tPH_CK
CLOCK high time
0.4
0.6
tCLK
tPL_CK
CLOCK low time
0.4
0.6
tCLK
tCONV
Conversion time
590
ns
ADS8350, fCLK = max
120
ns
tACQ
Acquisition time
ADS7850, fCLK = max
100
ns
ADS7250, fCLK = max
70
ns
tPH_CS
CS high time
20
ns
ADS8350
120
ns
tPH_CS_SHRT
CS high time after frame abort
ADS7850
100
ns
ADS7250
70
ns
tDV_CSDO
Delay time from CS falling to data enable
12
ns
tD_CKCS
Delay time from last SCLK falling to CS rising
15
ns
Delay time from CS rising to DOUT going to 3-
tDZ_CSDO
10
ns
state
tSU_CSCK
Setup time from CS falling to SCLK falling
15
ns
tSU_DOCK
Setup time from DOUT data valid to SCLK falling
5
ns
Hold time: SCLK falling to (previous) data valid on
tHT_CKDO
3
ns
DOUT
Figure 1. Timing Diagram
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS8350 ADS7850 ADS7250


Podobny numer części - ADS8350_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353IPW TI1-ADS8353IPW Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8353IPWR TI1-ADS8353IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results

Podobny opis - ADS8350_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com