Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8350IRTER Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8350IRTER
Szczegółowy opis  ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8350IRTER Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8350IRTER Datasheet HTML 6Page - Texas Instruments ADS8350IRTER Datasheet HTML 7Page - Texas Instruments ADS8350IRTER Datasheet HTML 8Page - Texas Instruments ADS8350IRTER Datasheet HTML 9Page - Texas Instruments ADS8350IRTER Datasheet HTML 10Page - Texas Instruments ADS8350IRTER Datasheet HTML 11Page - Texas Instruments ADS8350IRTER Datasheet HTML 12Page - Texas Instruments ADS8350IRTER Datasheet HTML 13Page - Texas Instruments ADS8350IRTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
75
150
225
300
375
Input Frequency (kHz)
C00
f
IN = 2 kHz
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
75
150
225
300
375
Input Frequency (kHz)
C00
f
IN = 250 kHz
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40
-7
26
59
92
125
Free-Air Temperature (oC)
C01
Maximum DNL
Minimum DNL
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40
-7
26
59
92
125
Free-Air Temperature (oC)
C01
Minimum INL
Maximum INL
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
1024
2048
3072
4096
Code
C01
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
1024
2048
3072
4096
Code
C01
ADS8350, ADS7850, ADS7250
SBAS580C – MAY 2013 – REVISED JUNE 2014
www.ti.com
6.10 Typical Characteristics: ADS7250
At TA = 25°C, AVDD = 5 V, DVDD = 3.3 V, VREF = 2.5 V, and fDATA = 750 kSPS, unless otherwise noted.
Figure 2. Typical DNL
Figure 3. Typical INL
Figure 4. DNL vs Device Temperature
Figure 5. INL vs Device Temperature
Figure 6. Typical FFT at 2-kHz Input
Figure 7. Typical FFT at 250-kHz Input
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: ADS8350 ADS7850 ADS7250


Podobny numer części - ADS8350IRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353IPW TI1-ADS8353IPW Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8353IPWR TI1-ADS8353IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results

Podobny opis - ADS8350IRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com