Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145012P Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC145012P
Szczegółowy opis  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012P Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC145012P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Sensors
6
Freescale Semiconductor
MC145012
Figure 3. AC Characteristics versus Supply
Figure 4. AC Characteristics versus Temperature
Figure 5. RC Component Variation Over Temperature
Pulse Width Of IRED
Period Or Pulse Width
Of Other Parameters
VDD, Power Supply Voltage (V)
1.02
0.98
0.96
1.00
1.04
6.0
7.0
8.0
9.0
10.0
11.0
12.0
TA = 25°C
NOTE: Includes external component
variations. See Figure 5.
Pulse Width Of IRED
Period Or Pulse Width
Of Other Parameters
TA, Ambient Temperature (°C)
- 10
0
10
20
30
40
50
60
1.02
1.01
0.99
0.98
1.00
VDD = 9.0 V
NOTE: Thes
e components were used to
generate Figure 4.
7.5 M
Ω Carbon Composition
100 k
Ω Metal Film
1500 Pf DIPPED MICA
TA, Ambient Temperature (°C)
- 10
0
10
20
30
40
50
60
1.03
1.02
1.01
1.00
0.99
0.98


Podobny numer części - MC145012P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Podobny opis - MC145012P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com