Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-580649-16 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części LS-580649-16
Szczegółowy opis  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LS-580649-16 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  LS-580649-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
84
GT Connectors – accessories
MS3057-C style (10-350349) cable clamp
Part
Number
Used with
Shell Size
A Thread
Class 2B
in inches
V Thread
Class 2A
in inches
Used with
Bushing
Bushing Opening
Inches
Busing Opening
Millimeters
Open
Closed
Open
Closed
10-350349-123
10SL
.6250-24 UNEF
6-32 UNC
MS3420-4A
.219
.010
5.56
0.25
10-350349-143
14S
.7500-20 UNEF
6-32 UNC
MS3420-6A
MS3420-4A
.312
.219
.114
.020
7.93
5.56
2.89
0.50
10-350349-163
16 & 16S
.8750-20 UNEF
6-32 UNC
MS3420-8A
MS3420-6A
.437
.312
.220
.085
11.10
7.93
5.60
2.15
10-350349-183
18
1.0000-20 UNEF
6-32 UNC
MS3420-10A
MS3420-6A
.437
.312
.197
.085
11.10
7.93
5.00
2.15
10-350349-203
20 & 22
1.1875-18 UNEF
8-32 UNC
MS3420-12A
MS3420-8A
.541
.437
.270
.177
13.74
11.10
6.85
4.50
10-350349-243
24 & 28
1.4375-18 UNEF
8-32 UNC
MS3420-16A
MS3420-12A
MS3420-8A
.748
.541
.437
.429
.260
.186
19.00
13.74
11.10
10.90
6.60
4.72
10-350349-323
32
1.7500-18 UNS
.250-20 UNC
MS3420-20A
MS3420-16A
MS3420-12A
.937
.748
.541
.620
.441
.273
23.80
19.00
13.74
15.74
11.20
6.93
10-350349-363
36
2.0000-18 UNS
.250-20 UNC
MS3420-24A
MS3420-20A
MS3420-16A
1.122
.937
.748
.681
.504
.358
28.50
23.80
19.00
17.30
12.80
9.10
10-350349-403
40
2.2500-16 UN
.250-20 UNC
MS3420-28A
MS3420-20A
MS3420-16A
1.250
.937
.748
.815
512
368
31.75
23.80
19.00
20.70
13.00
9.34
All dimensions for reference only.
Inches
Part
Number
Used with
Shell Size
B
E
± .016
F
± .008
G
+ .020
– .000
Open
Closed
10-350349-123
10SL
.312
.094
.748
.890
1.272
10-350349-143
14S
.438
.230
.874
1.016
1.272
10-350349-163
16 & 16S
.531
.315
1.000
1.106
1.272
10-350349-183
18
.625
.378
1.122
1.220
1.390
10-350349-203
20 & 22
.748
.445
1.311
1.469
1.406
10-350349-243
24 &28
.937
.610
1.559
1.654
1.516
10-350349-323
32
1.250
.921
1.874
2.126
1.764
10-350349-363
36
1.378
.921
2.122
2.248
2.031
10-350349-403
40
1.624
1.177
2.374
2.500
2.031
Millimeters
B
E
± 0.4
F
± 0.2
G
+ 0.5
– 0.0
Open
Closed
7.93
2.38
19.0
22.6
32.3
11.12
5.84
22.2
25.8
32.3
13.48
8.00
25.4
28.1
32.3
15.87
9.60
28.5
31.0
35.3
19.00
11.30
33.3
37.3
35.7
23.80
15.50
39.6
42.0
38.5
31.75
23.40
47.6
54.0
44.8
35.00
23.40
53.9
57.1
51.6
41.25
29.90
60.3
63.5
51.6
Waterproof clamp for jacketed cables
Provides mechanical strain relief plus concentric clamping over a
wide range of cable sizes
A neoprene* gland seal ensures a waterproof seal on the cable jacket
* Other materials available
F
V
E
B
G
A
To reduce diameter B, use
rubber brushing MS3420A


Podobny numer części - LS-580649-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
LS-500 PANASONICBATTERY-LS-500 Datasheet
177Kb / 1P
   Digital Laser Sensor
logo
PerkinElmer Optoelectro...
LS-5001 PERKINELMER-LS-5001 Datasheet
49Kb / 6P
   Thyratrons
LS-5002 PERKINELMER-LS-5002 Datasheet
49Kb / 6P
   Thyratrons
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
PerkinElmer Optoelectro...
LS-5101 PERKINELMER-LS-5101 Datasheet
49Kb / 6P
   Thyratrons
More results

Podobny opis - LS-580649-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com