Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-580649-16 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części LS-580649-16
Szczegółowy opis  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LS-580649-16 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

  LS-580649-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-580649-16 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
85
GT – accessories
rear mounting data, panel cut-out dimensions,
sealing plugs, sealing ranges
REAR MOUNTING DATA
MAXIMUM PANEL THICKNESS
Size
Dimension D
GT00/020
GT030
Inches
(mm)
Inches
(mm)
10SL
.146
3.70
.303
7.70
14S
.146
3.70
.303
7.70
16S
.146
3.70
.303
7.70
16
.145
3.70
.242
6.15
18
.145
3.70
.303
7.70
20
.145
3.70
.303
7.70
22
.145
3.70
.303
7.70
24
.207
5.25
.303
7.70
28
.207
5.25
.343
8.70
32
.241
6.10
.309
7.85
36
.241
6.10
.309
7.85
40
.237
6.02
.309
7.85
PANEL CUT-OUT DIMENSIONS
Shell
Size
A Dia.
Hole
Size
Connector Styles
02, 020,
00, 030
Front
Mount
02, 00,
020
Rear
Mount
030
Jam Nut
070
Jam Nut
070
B ±.004
C Dia.
C Dia.
D Dia.
E
10SL
.126
.717
11/16
1 3/4
7/8
.83
14S
.126
.906
13/16
1
1 1/8
1.08
16S/16
.126
.969
15/16
1 1/8
1 1/14
1.21
18
.126
1.063
1 1/16
1 1/4
1 3/8
1.32
20
.126
1.157
1 3/16
1 3/8
1 1/2
1.45
22
.126
1.252
1 5/16
1 1/2
1 5/8
1.57
24
.146
1.374
1 7/16
1 5/8
1 3/4
1.70
28
.146
1.563
1 11/16
1 7/8
2
1.95
32
.169
1.752
1 15/16
2 1/8
2 1/4
2.20
36
.169
1.937
2 1/8
2 3/8
2 1/2
2.45
40
.169
2.185
2 3/8
2 5/8
2 3/4
2.70
SEALING PLUG
10-405996-XX
Sealing plugs are used
to fill unused holes in
multi-holed grommet
configurations.
GROMMET HOLE
SEALING RANGES
Hole
Size
Sealing Range
(mm)
Inches
16
1.62 – 3.3
.064 – .130
12
2.89 – 4.31
.114 – .170
8
4.16 – 6.47
.164 – .255
4
6.9 – 9.3
.272 – .370
0
10.5 – 13.97
.415 – .550
** ± .020 (in.)
*** ± 0.5 (mm)
Order No.
Contact
Size
Wire
Size
Color
Code
Inches
A Dia.
±.010
B
±.005
C
±.010
10-405996-16
16
20-16
Blue
.083
.133
.564**
10-405996-12
12
14-12
Yellow
.121
.171
.564**
10-405996-8
8
10-8
Red
.185
.315
.470
10-405996-4
4
4-6
Blue
.310
.415
.470
10-405996-0
0
0-2
Yellow
.440
.605
1.000
Millimeters
A Dia.
± 0.2
B
± 0.1
C
± 0.2
2.1
3.4
14.3***
3.1
4.3
14.3***
4.7
8.0
11.9
7.9
10.5
11.9
11.2
15.4
25.4
All dimensions for reference only.
D MAX.
B
DIA.
A
DIA.
45
O
C
.135
3.4
+ 0.8
– 0.6
mm
+.030
–.025 in.
B
TYP.
C DIA.
A DIA.
E
TYP.
D
DIA.


Podobny numer części - LS-580649-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
LS-500 PANASONICBATTERY-LS-500 Datasheet
177Kb / 1P
   Digital Laser Sensor
logo
PerkinElmer Optoelectro...
LS-5001 PERKINELMER-LS-5001 Datasheet
49Kb / 6P
   Thyratrons
LS-5002 PERKINELMER-LS-5002 Datasheet
49Kb / 6P
   Thyratrons
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
PerkinElmer Optoelectro...
LS-5101 PERKINELMER-LS-5101 Datasheet
49Kb / 6P
   Thyratrons
More results

Podobny opis - LS-580649-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com