Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC121S625 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC121S625
Szczegółowy opis  ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S625 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADC121S625 Datasheet HTML 1Page - Texas Instruments ADC121S625 Datasheet HTML 2Page - Texas Instruments ADC121S625 Datasheet HTML 3Page - Texas Instruments ADC121S625 Datasheet HTML 4Page - Texas Instruments ADC121S625 Datasheet HTML 5Page - Texas Instruments ADC121S625 Datasheet HTML 6Page - Texas Instruments ADC121S625 Datasheet HTML 7Page - Texas Instruments ADC121S625 Datasheet HTML 8Page - Texas Instruments ADC121S625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
5
6
7
8
CS
VREF
GND
+IN
-IN
ADC121S625
+VA
SCLK
DOUT
ADC121S625
www.ti.com
SNAS294B – MAY 2005 – REVISED MARCH 2013
ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D
Converter
Check for Samples: ADC121S625
1
FEATURES
DESCRIPTION
The ADC121S625 is a 12-bit, 50 ksps to 200 ksps
2
True Differential Inputs
sampling
Analog-to-Digital
(A/D)
converter
that
Ensured Performance from 50ksps to 200ksps
features a fully differential, high impedance analog
External Reference
input
and
an
external
reference.
While
best
performance is achieved with reference voltage
High AC Common-Mode Rejection
between 500mV and 2.5V, the reference voltage can
SPI™/QSPI™/MICROWIRE/DSP Compatible
be varied from 100mV to 2.5V, with a corresponding
Serial Interface
resolution between 49µV and 1.22mV.
The output serial data is binary 2's complement, and
APPLICATIONS
is compatible with several standards, such as SPI™,
Automotive Navigation
QSPI™, MICROWIRE, and with many common DSP
Portable Systems
serial interfaces. The differential input, low power,
automatic power down, and small size make the
Medical Instruments
ADC121S625
ideal
for
direct
connection
to
Instrumentation and Control Systems
transducers in battery operated systems or remote
Motor Control
data acquisition applications.
Direct Sensor Interface
Operating from a single +5V supply, the normal
power consumption is reduced to a few nanowatts in
KEY SPECIFICATIONS
the power-down mode. The ADC121S625 is a pin-
compatible superior replacement for the ADS7817
Conversion Rate 50 to 200 ksps
and is available in the VSSOP-8 package. Operation
Offset Error 0.4 LSB (typ)
is ensured over the industrial temperature range of
Gain Error 0.05 LSB (typ)
−40°C to +85°C and clock rates of 800 kHz to 3.2
MHz.
INL ± 1 LSB (max)
DNL ± 0.75 LSB (max)
CMRR 82 dB (typ)
Power Consumption
Active, 200 ksps 2.25 mW (typ)
Active, 50 ksps 1.33 mW (typ)
Power Down 60 nW (typ)
Connection Diagram
Figure 1. 8-Lead VSSOP
See DGK Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADC121S625

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625CIMM NSC-ADC121S625CIMM Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMM TI1-ADC121S625CIMM Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625CIMM/NOPB TI1-ADC121S625CIMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625CIMMX NSC-ADC121S625CIMMX Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
More results

Podobny opis - ADC121S625

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com