Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0848 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC0848
Szczegółowy opis  ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0848 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADC0848 Datasheet HTML 1Page - Texas Instruments ADC0848 Datasheet HTML 2Page - Texas Instruments ADC0848 Datasheet HTML 3Page - Texas Instruments ADC0848 Datasheet HTML 4Page - Texas Instruments ADC0848 Datasheet HTML 5Page - Texas Instruments ADC0848 Datasheet HTML 6Page - Texas Instruments ADC0848 Datasheet HTML 7Page - Texas Instruments ADC0848 Datasheet HTML 8Page - Texas Instruments ADC0848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADC0844, ADC0848
SNAS523D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. PLCC Package (Top View)
Figure 2. 20-Pin PDIP (Top View)
Figure 3. 28-Pin PDIP (Top View)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
6.5V
Logic Control Inputs
−0.3V to +15V
Voltage
At Other Inputs and Outputs
−0.3V to VCC+0.3V
Input Current at Any Pin(4)
5 mA
Package Input Current(4)
20 mA
Storage Temperature
−65°C to +150°C
Package Dissipation at TA=25°C
875 mW
ESD Susceptibility(5)
800V
PDIP Package
260°C
Lead Temperature (Soldering, 10 seconds)
Vapor Phase (60 seconds)
215°C
PLCC Package
Infrared (15 seconds)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the ground pins.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
or V
IN > V
+) the absolute value of the current at that pin
should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply
boundaries with a 5 mA current limit to four.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0844 ADC0848


Podobny numer części - ADC0848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0848 NSC-ADC0848 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0848 TI1-ADC0848 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0848BCN NSC-ADC0848BCN Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0848BCV NSC-ADC0848BCV Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0848BCV TI1-ADC0848BCV Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results

Podobny opis - ADC0848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com