Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5474 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS5474
Szczegółowy opis  14-Bit, 400-MSPS Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS5474_14 Datasheet HTML 1Page - Texas Instruments ADS5474_14 Datasheet HTML 2Page - Texas Instruments ADS5474_14 Datasheet HTML 3Page - Texas Instruments ADS5474_14 Datasheet HTML 4Page - Texas Instruments ADS5474_14 Datasheet HTML 5Page - Texas Instruments ADS5474_14 Datasheet HTML 6Page - Texas Instruments ADS5474_14 Datasheet HTML 7Page - Texas Instruments ADS5474_14 Datasheet HTML 8Page - Texas Instruments ADS5474_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
RECOMMENDED OPERATING CONDITIONS
ADS5474
UNIT
MIN
NOM
MAX
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3.1
3.3
3.6
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
VPP
VCM
Input common mode
3.1
V
DIGITAL OUTPUT (DRY, DATA, OVR)
Maximum differential output load
10
pF
CLOCK INPUT (CLK)
CLK input sample rate (sine wave)
20
400
MSPS
Clock amplitude, differential sine wave (see Figure 42)
0.5
5
VPP
Clock duty cycle (see Figure 46)
40
50
60
%
TA
Operating free-air temperature
–40
+85
°C
ELECTRICAL CHARACTERISTICS
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
–1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5474
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
14
Bits
ANALOG INPUTS
Differential input range
2.2
VPP
Analog input common-mode voltage
Self-biased; see VCM specification below
3.1
V
Input resistance (dc)
Each input to VCM
500
Input capacitance
Each input to GND
2.3
pF
Analog input bandwidth (
–3dB)
1.44
GHz
Common-mode signal
< 50 MHz
CMRR
Common-mode rejection ratio
100
dB
(see Figure 27)
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
V
With internal VREF. Provided as an output
via the VCM pin for dc-coupled
Analog input common-mode voltage
VCM
applications. If an external VREF is used,
2.9
3.1
3.3
V
reference output
the VCM pin tracks as illustrated in
Figure 39
VCM temperature coefficient
–0.8
mV/
°C
DYNAMIC ACCURACY
No missing codes
Assured
DNL
Differential linearity error
fIN = 70 MHz
–0.99
±0.7
1.5
LSB
INL
Integral linearity error
fIN = 70 MHz
–3
±1
3
LSB
Offset error
–11
11
mV
Offset temperature coefficient
0.02
mV/
°C
Gain error
–5
5
%FS
Gain temperature coefficient
–0.02
%FS/
°C
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5474


Podobny numer części - ADS5474_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5474_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com