Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-5F-2A Arkusz danych(PDF) 1 Page - Cooper Bussmann, Inc.

Numer części SS-5F-2A
Szczegółowy opis  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SS-5F-2A Arkusz danych(HTML) 1 Page - Cooper Bussmann, Inc.

  SS-5F-2A Datasheet HTML 1Page - Cooper Bussmann, Inc. SS-5F-2A Datasheet HTML 2Page - Cooper Bussmann, Inc. SS-5F-2A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• Fast-acting subminiature fuse
• Plastic cap and base, flammability UL 94V0
• Lead wire with tin-plated copper, diameter 0.6mm
• Protects against harmful overcurrents in primary and
secondary applications
• Small radial-leaded design minmizes board space and
eliminates need for additional mounting components
(BK/PCS holder optional if field replacement is
desirable)
• Designed to UL 248-14
Agency Information
• cULus: File E19180, Guide JDYX/JDYX7
• PSE: JET1641-31007-1001, JET1641-31007-1002
Specifications
• Solderability: EIA-186-9E Method 9
• High frequency vibration: MIL-STD-202F,
Method 201A
• Operating temperature: -40°C to +125°C
• Soldering heat resistance: 260°C, 10 Sec. max.
(IEC 60068-2-20)
Ordering
• Specify product and packaging code
(i.e., SS-5F-1A-AP)
Dimensions -
mm / [inches]
Electrical Characteristics
Rated
1 xIn
1.5 xIn
2 xIn
Current
min
max
max
800mA-10A
4hr
10 min
2 min
Subminiature Fuses
SS-5F Series, Fast-Acting
0709 BU-SB07219
2
2
6
2
t
e
e
h
S
a
t
a
D
3
f
o
1
e
g
a
P
Packaging – mm
Mounting Socket (RoHS compliant)
• Available as option. Specify catalog number BK/PCS
(In bulk 100 per bag)
0.03"
(0.76mm)
0.12"± 0.01"
(3.05mm ± 0.25mm)
0.29"
(7.37mm)
0.20"
(5.08mm)
0.30"
(7.62mm)
0.095"
(2.41mm)
Socket (PCS)
Pb
HALOGEN
HF
FREE
0.50 min.
7.85±0.20
0.60
5.08±0.10
8.50±0.20
4.30±0.20
35.00
12.70
9.00
18.00
0.00±0.50
13.00


Podobny numer części - SS-5F-2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SS-5F-2A ETC2-SS-5F-2A Datasheet
3Mb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SS-5F-2A EATON-SS-5F-2A Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-AP EATON-SS-5F-2A-AP Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-BK EATON-SS-5F-2A-BK Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-BK2 EATON-SS-5F-2A-BK2 Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
More results

Podobny opis - SS-5F-2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com