Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7947 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS7947
Szczegółowy opis  12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7947 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS7947_14 Datasheet HTML 3Page - Texas Instruments ADS7947_14 Datasheet HTML 4Page - Texas Instruments ADS7947_14 Datasheet HTML 5Page - Texas Instruments ADS7947_14 Datasheet HTML 6Page - Texas Instruments ADS7947_14 Datasheet HTML 7Page - Texas Instruments ADS7947_14 Datasheet HTML 8Page - Texas Instruments ADS7947_14 Datasheet HTML 9Page - Texas Instruments ADS7947_14 Datasheet HTML 10Page - Texas Instruments ADS7947_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ADS7947
ADS7948
ADS7949
www.ti.com
SLAS708 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS: ADS7949 (8-Bit)
Minimum/maximum specifications at AVDD = 2.7V to 5.5V, DVDD = 1.65V to AVDD, TA = –40°C to +125°C, and
fSAMPLE = 2MSPS, unless otherwise noted. Typical specifications at AVDD = 3V, DVDD = 1.8V, TA = +25°C, and fSAMPLE =
2MSPS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-scale input span(1)
AINxP – AINxN
0
VREF
V
AIN0P, AIN1P
–0.2
AVDD + 0.2
V
Absolute input range
AIN0N, AIN1N
–0.2
0.2
V
Input capacitance(2)
32
pF
Input leakage current
At +125°C
1.5
nA
SYSTEM PERFORMANCE
Resolution
8
Bits
No missing codes
8
Bits
Integral linearity
–0.3
±0.06
0.3
LSB(3)
Differential linearity
–0.3
±0.06
0.3
LSB
Offset error(4)
–0.3
±0.06
0.3
LSB
Gain error
–0.3
±0.06
0.3
LSB
Transition noise
25
µVRMS
Power-supply rejection
60
dB
SAMPLING DYNAMICS
Conversion time
8.5
SCLK
Acquisition time
80
ns
Maximum sample rate (throughput rate)
34MHz SCLK in 16-clock frame
2
MSPS
34MHz SCLK and CS low for 8.5 clocks
3
MSPS
Aperture delay
5
ns
Aperture jitter
10
ps
Step response
80
ns
Overvoltage recovery
80
ns
DYNAMIC CHARACTERISTICS
Total harmonic distortion (THD)(5)
100kHz
–80
dB
Signal-to-noise ratio (SNR)
100kHz
49
dB
Signal-to-noise and distortion ratio (SINAD)
100kHz
49
dB
Spurious-free dynamic range (SFDR)
100kHz
81
dB
Full-power bandwidth
At –3dB
15
MHz
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
0.7DVDD
V
VIL
0.3DVDD
V
Logic level
VOH
ISOURCE = 200µA
DVDD – 0.2
V
VOL
ISINK = 200µA
0.4
V
Input leakage current
IIH, IIL
0 <VIN < DVDD
±20
nA
External reference
2.5
AVDD
V
(1)
Ideal input span; does not include gain or offset error.
(2)
Refer to Figure 39 for sampling circuit details.
(3)
LSB means Least Significant Bit.
(4)
Measured relative to an ideal full-scale input.
(5)
Calculated on the first nine harmonics of the input frequency.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7947 ADS7948 ADS7949


Podobny numer części - ADS7947_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7947SRTER TI-ADS7947SRTER Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
ADS7947SRTET TI-ADS7947SRTET Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
More results

Podobny opis - ADS7947_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com