Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7947SRTER Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7947SRTER
Szczegółowy opis  12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7947SRTER Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS7947SRTER Datasheet HTML 1Page - Texas Instruments ADS7947SRTER Datasheet HTML 2Page - Texas Instruments ADS7947SRTER Datasheet HTML 3Page - Texas Instruments ADS7947SRTER Datasheet HTML 4Page - Texas Instruments ADS7947SRTER Datasheet HTML 5Page - Texas Instruments ADS7947SRTER Datasheet HTML 6Page - Texas Instruments ADS7947SRTER Datasheet HTML 7Page - Texas Instruments ADS7947SRTER Datasheet HTML 8Page - Texas Instruments ADS7947SRTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SPI
AV D
D
DVDD
GND
AIN0P
AIN1P
AIN0N
AIN1N
PDEN
SAR
ADC
SCLK
SDO
CS
REFGND
REF
CHSEL
MUX
S/H
ADS7947
ADS7948
ADS7949
www.ti.com
SLAS708 – SEPTEMBER 2010
12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power
SAR Analog-to-Digital Converters
Check for Samples: ADS7947 , ADS7948, ADS7949
1
FEATURES
DESCRIPTION
23
Sample Rate: 2MSPS
The ADS7947/8/9 are 12-bit, 10-bit, and 8-bit 2MSPS
analog-to-digital
converters
(ADCs),
respectively.
Pin-Compatible Family: 12/10/8-Bit
Devices operate at 2MSPS sample rate with a
Outstanding Performance:
standard 16 clock data frame. In addition, it is
No Missing Codes
possible
to
operate
the
ADS7947
(12-bit)
at
INL: 1LSB (max)
2.1MSPS, the ADS7948 (10-bit) at 2.57MSPS, and
the ADS7949 (8-bit) at 3MSPS with a short data
SNR: 72dB (min)
frame optimized for the number of clocks sufficient for
Low Power:
conversion with no drop in performance. The devices
7.5mW at 2MSPS Operation
feature both outstanding dc precision and excellent
dynamic performance, this family of pin-compatible
Auto Power-Down at Lower Speeds:
devices includes a two-channel input multiplexer and
3.8mW at 500kSPS
a low-power successive approximation register (SAR)
0.8mW at 100kSPS
ADC with an inherent sample-and-hold (S/H) input
stage.
0.16mW at 20kSPS
Wide Supply Range:
The ADS7947/8/9 support a wide analog supply
range that allows the full-scale input range to extend
Analog: 2.7V to 5.5V
to 5V. A simple SPI™, with a digital supply that can
Digital: 1.65V to AVDD
operate as low as 1.65V, allows for easy interfacing
Simple Serial Interface (SPI)
to a wide variety of digital controllers. Automatic
power-down can be enabled when operating at
Fully Specified from –40°C to +125°C
slower
speeds
to
dramatically
reduce
power
Tiny Footprint: 3mm × 3mm QFN
consumption.
Offered in a tiny 3mm × 3mm QFN package, the
APPLICATIONS
ADS7947/8/9 are fully specified over the extended
Communication Systems
temperature range of –40°C to +125°C and are
Optical Networking
suitable for a wide variety of data acquisition
Medical Instrumentation
applications where high performance, low power, and
Battery-Powered Equipment
small size are key.
Data Acquisition Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS7947SRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7947SRTER TI-ADS7947SRTER Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
More results

Podobny opis - ADS7947SRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com