Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7949SRTER Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7949SRTER
Szczegółowy opis  12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7949SRTER Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7949SRTER Datasheet HTML 5Page - Texas Instruments ADS7949SRTER Datasheet HTML 6Page - Texas Instruments ADS7949SRTER Datasheet HTML 7Page - Texas Instruments ADS7949SRTER Datasheet HTML 8Page - Texas Instruments ADS7949SRTER Datasheet HTML 9Page - Texas Instruments ADS7949SRTER Datasheet HTML 10Page - Texas Instruments ADS7949SRTER Datasheet HTML 11Page - Texas Instruments ADS7949SRTER Datasheet HTML 12Page - Texas Instruments ADS7949SRTER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCLK
CS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
t
SU1
t
D1
t
H1
t
D2
t
D3
Sample
N
Sample
N+1
t
ACQ
t
CONV
1/f
SAMPLE
DatafromSampleN
-1
t
W1
t
WH
t
WL
t
D4
ADS7947
ADS7948
ADS7949
www.ti.com
SLAS708 – SEPTEMBER 2010
TIMING DIAGRAM
TIMING REQUIREMENTS
All specifications at DVDD = 1.65V to AVDD and TA = –40°C to +125°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
ADS7947 (12-bit)
13.5
SCLK
tCONV
Conversion time
ADS7948 (10-bit)
10.5
SCLK
ADS7949 (8-bit)
8.5
SCLK
tACQ
Acquisition time
80
ns
SCLK = 34MHz,
fSAMPLE
Sample rate (throughput rate)
2
MSPS
16 clock frame
ADS7947 (12-bit)
SCLK = 34MHz
2.1
MSPS
fSAMPLE MAX = 1/( tCONV MAX + tACQ MIN)
ADS7948 (10-bit)
SCLK = 34MHz
2.57
MSPS
ADS7949 (8-bit)
SCLK = 34MHz
3
MSPS
tW1
Pulse width CS high
25
ns
DVDD = 1.8V
14.5
ns
tD1
Delay time, CS low to first data (D0-15) out
DVDD = 3V
12.5
ns
DVDD = 5V
8.5
ns
DVDD = 1.8V
3.5
ns
tSU1
Setup time, CS low to first rising edge of SCLK
DVDD = 3V
3.5
ns
DVDD = 5V
3.5
ns
DVDD = 1.8V
11
ns
tD2
(2)
Delay time, SCLK falling to SDO
DVDD = 3V
9
ns
DVDD = 5V
7.1
ns
DVDD = 1.8V
4
ns
tH1
Hold time, SCLK falling to data valid
DVDD = 3V
3
ns
DVDD = 5V
2
ns
DVDD = 1.8V
15
ns
tD3
Delay time, CS high to SDO 3-state
DVDD = 3V
12.5
ns
DVDD = 5V
8.5
ns
Delay time CS rising edge from conversion end
10
tD4
ns
(refer to the tCONV specification for conversion time)
tWH
Pulse duration, SCLK high
11
ns
tW1
Pulse duration, SCLK low
11
ns
SCLK frequency
0.4
34
40
MHz
tPDSU
Setup time, PDEN high to CS rising edge
2
ns
(refer to Figure 50 and Figure 51)
tPDH
Hold time, CS rising edge to PDEN falling edge (refer to Figure 50)
20
ns
(1)
1.8V specifications apply from 1.65V to 2V; 3V specifications apply form 2.7V to 3.6V; 5V specifications apply from 4.75V to 5.25V.
(2)
With 50pF load.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7947 ADS7948 ADS7949


Podobny numer części - ADS7949SRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7949SRTER TI-ADS7949SRTER Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
More results

Podobny opis - ADS7949SRTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com