Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8519IBDB Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8519IBDB
Szczegółowy opis  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519IBDB Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS8519IBDB Datasheet HTML 1Page - Texas Instruments ADS8519IBDB Datasheet HTML 2Page - Texas Instruments ADS8519IBDB Datasheet HTML 3Page - Texas Instruments ADS8519IBDB Datasheet HTML 4Page - Texas Instruments ADS8519IBDB Datasheet HTML 5Page - Texas Instruments ADS8519IBDB Datasheet HTML 6Page - Texas Instruments ADS8519IBDB Datasheet HTML 7Page - Texas Instruments ADS8519IBDB Datasheet HTML 8Page - Texas Instruments ADS8519IBDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADS8519
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFIED
INL
MISSING
SINAD
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
CODES
(dB)
RANGE
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
ADS8519IBDB
Tube, 50
ADS8519IB
±1.5
16-Bit
90
–40°C to +85°C
SSOP-28
DB
ADS8519IBDBR
Tape and Reel, 2000
ADS8519IDB
Tube, 50
ADS8519I
±3
15-Bit
87
–40°C to +85°C
SSOP-28
DB
ADS8519IDBR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range (unless otherwise noted).
UNIT
R1IN
±25V
R2IN
±25V
Analog inputs
R3IN
±25V
REF
+VANA + 0.3V to AGND2 – 0.3V
DGND, AGND2
±0.3V
Ground voltage differences
VANA
6V
VDIG
6V
Digital inputs
–0.3V to +VDIG + 0.3V
Internal power dissipation
700mW
Maximum junction temperature
+165°C
Lead temperature (soldering, 10s)
+300°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges(1)
Impedance(1)
Capacitance
50
50
pF
THROUGHPUT SPEED
Conversion cycle time
Acquire and convert
4
4
ms
Throughput rate
250
250
kSPS
(1)
±10V, ±5V, 0V to 8.192V, etc. (see Table 2)
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8519


Podobny numer części - ADS8519IBDB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8519IBDB TI-ADS8519IBDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI-ADS8519IBDBG4 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBR TI-ADS8519IBDBR Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBR TI-ADS8519IBDBR Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8519IBDB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com