Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8513IDWR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8513IDWR
Szczegółowy opis  16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8513IDWR Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS8513IDWR Datasheet HTML 1Page - Texas Instruments ADS8513IDWR Datasheet HTML 2Page - Texas Instruments ADS8513IDWR Datasheet HTML 3Page - Texas Instruments ADS8513IDWR Datasheet HTML 4Page - Texas Instruments ADS8513IDWR Datasheet HTML 5Page - Texas Instruments ADS8513IDWR Datasheet HTML 6Page - Texas Instruments ADS8513IDWR Datasheet HTML 7Page - Texas Instruments ADS8513IDWR Datasheet HTML 8Page - Texas Instruments ADS8513IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ADS8513
www.ti.com ...................................................................................................................................................... SLAS486C – JUNE 2007 – REVISED JANUARY 2009
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fS = 40kSPS, VS = 5V, and using internal reference and fixed resistors, unless otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
INL
Integral linearity error
–3
3
–2
2
LSB(1)
DNL
Differential linearity error
–2
3
–1
2
LSB
No missing codes
15
16
Bits
Transition noise(2)
0.6
0.6
LSB
Full-scale error(3)(4)
–0.5
0.5
–0.25
0.25
%
Full-scale error drift
10
10
ppm/°C
Full-scale error(3)(4)
External 2.5V reference
–0.5
0.5
–0.25
0.25
%
Full-scale error drift
External 2.5V reference
0.2
0.2
ppm/°C
Bipolar zero error(3)
Bipolar ranges
–10
10
–10
10
mV
Bipolar zero error drift
Bipolar ranges
2.5
2.5
ppm/°C
Unipolar zero error(3)
Unipolar ranges
–6
6
–6
6
mV
Unipolar zero error drift
Unipolar ranges
2.5
2.5
ppm/°C
Recovery time to rated accuracy from
1
µF capacitor to CAP
300
300
µs
power down(5)
Power-supply sensitivity
+4.75V < VS < +5.25V
±8
±8
LSB
AC ACCURACY
SFDR
Spurious-free dynamic range
fIN = 1kHz, ±10V
90
100
96
102
dB(6)
THD
Total harmonic distortion
fIN = 1kHz, ±10V
–98
–90
–100
–96
dB
fIN = 1kHz, ±10V
85
89
87
89
SINAD
Signal-to-(noise+distortion)
dB
-60 dB Input
30
32
SNR
Signal-to-noise
fIN = 1kHz, ±10V
85
89
87
89
dB
Usable bandwidth(7)
130
130
kHz
Full-power bandwidth (–3dB)
600
600
kHz
SAMPLING DYNAMICS
Aperture delay
40
40
ns
Aperture jitter
20
20
ps
Transient response
FS step
5
5
µs
Overvoltage recovery(8)
750
750
ns
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current (must
1
1
µA
use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range for
2.3
2.5
2.7
2.3
2.5
2.7
V
specified linearity
External reference current drain
External 2.5V ref
100
100
µA
(1)
LSB means Least Significant Bit. 1 LSB for the ±10V input range is 305
µV.
(2)
Typical rms noise at worst case transitions.
(3)
As measured with fixed resistors. Adjustable to zero with external potentiometer.
(4)
Full-scale error is the worst case of –Full Scale or +Full Scale deviation from ideal first and last code transitions, divided by the full-scale
range; includes the effect of offset error. Tested at –40°C to +85°C.
(5)
Time delay after the ADS8513 is brought out of Power-Down mode until all internal settling occurs and the analog input is acquired to
rated accuracy. A Convert command after this delay will yield accurate results.
(6)
All specifications in dB are referred to a full-scale input.
(7)
Usable bandwidth defined as full-scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8513


Podobny numer części - ADS8513IDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8513IDWR TI-ADS8513IDWR Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Podobny opis - ADS8513IDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com