Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8517IBPWR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8517IBPWR
Szczegółowy opis  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IBPWR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8517IBPWR Datasheet HTML 6Page - Texas Instruments ADS8517IBPWR Datasheet HTML 7Page - Texas Instruments ADS8517IBPWR Datasheet HTML 8Page - Texas Instruments ADS8517IBPWR Datasheet HTML 9Page - Texas Instruments ADS8517IBPWR Datasheet HTML 10Page - Texas Instruments ADS8517IBPWR Datasheet HTML 11Page - Texas Instruments ADS8517IBPWR Datasheet HTML 12Page - Texas Instruments ADS8517IBPWR Datasheet HTML 13Page - Texas Instruments ADS8517IBPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
110
105
100
95
90
85
80
75
70
-70
-75
-80
-85
-90
-95
-100
-105
-110
Power-SupplyVoltage(V)
4.00
4.25
4.50
4.75
5.00
5.25
5.50
THD
SNR
SFDR
SINAD
f
=10kHz,0dB
IN
-20
-30
-40
-50
-60
-70
-80
Power-SupplyRippleFrequency(Hz)
10
1M
100
1k
10k
100k
2.40
2.35
2.30
2.25
2.20
Temperature( C)
°
-50
-25
125
100
75
50
25
0
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Power-SupplyVoltage(V)
4.00
4.25
4.50
4.75
5.00
5.25
5.50
INLMax
INLMin
DNLMin
DNLMax
3
2
1
0
-1
-2
-3
Code
0
8192
16384 24576 32768 40960 49152 57344 65535
AllCodesINL
3
2
1
0
-1
-2
-3
Code
0
8192
16384 24576 32768 40960 49152 57344 65535
AllCodesDNL
ADS8517
SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009 ................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
At fS = 200 kHz, VDIG = VANA = 5 V, and using internal reference (see Figure 39), unless otherwise specified.
AC PARAMETERS
OUTPUT REJECTION
vs POWER-SUPPLY VOLTAGE
vs POWER-SUPPLY RIPPLE FREQUENCY
Figure 19.
Figure 20.
INTEGRAL LINEARITY ERROR AND
CONVERSION TIME
DIFFERENTIAL LINEARITY ERROR
vs FREE-AIR TEMPERATURE
vs POWER-SUPPLY VOLTAGE
Figure 21.
Figure 22.
INTEGRAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8517


Podobny numer części - ADS8517IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8517IBPWR TI-ADS8517IBPWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Podobny opis - ADS8517IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com