Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8517IPW Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS8517IPW
Szczegółowy opis  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IPW Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS8517IPW Datasheet HTML 1Page - Texas Instruments ADS8517IPW Datasheet HTML 2Page - Texas Instruments ADS8517IPW Datasheet HTML 3Page - Texas Instruments ADS8517IPW Datasheet HTML 4Page - Texas Instruments ADS8517IPW Datasheet HTML 5Page - Texas Instruments ADS8517IPW Datasheet HTML 6Page - Texas Instruments ADS8517IPW Datasheet HTML 7Page - Texas Instruments ADS8517IPW Datasheet HTML 8Page - Texas Instruments ADS8517IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ADS8517
www.ti.com ................................................................................................................................................. SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to +85°C, fS = 200 kHz, VDIG = VANA = 5 V, using internal reference (see Figure 39), unless otherwise noted.
ADS8517I
ADS8517IB(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
THROUGHPUT SPEED
Conversion time
2.5
2.5
µs
Complete cycle
Acquire and convert
5
5
µs
Throughput rate
200
200
kHz
DC ACCURACY
INL
Integral linearity error
–3
3
–1.5
1.5
LSB(2)
DNL
Differential linearity error
–2
3
–1
1.5
LSB
No missing codes
15
16
Bits
Transition noise(3)
0.9
0.8
LSB
Gain error
±0.2
±0.1
%
Internal reference
–0.75
0.75
–0.75
0.75
%
Full-scale error(4)
External 2.5-V reference
–0.75
0.75
–0.75
0.75
%
Internal reference
±9
±9
ppm/°C
Full-scale error drift
External 2.5-V reference
±1
±1
ppm/°C
BPZ
Bipolar zero error
±10 V range
–5
±1
5
–2
±1
2
mV
Bipolar zero error drift
±10 V range
±0.6
±0.6
ppm/°C
UPZ
Unipolar zero error
0 V to 5 V, 0 V to 4 V ranges
–3
±0.1
3
–2
±0.1
2
mV
Unipolar zero error drift
0 V to 5 V, 0 V to 4 V ranges
±0.15
±0.15
ppm/°C
Recovery time to rated accuracy
2.2-
µF capacitor to CAP
1
1
ms
from power down(5)
+4.75 V < VANA < +5.25 V
–8
+8
–6
+6
Power-supply sensitivity
LSB
(VDIG = VANA = VS)
+4.5 V < VANA < +5.5 V
–20
+20
–12
+12
AC ACCURACY
SFDR
Spurious-free dynamic range
fIN = 10 kHz, ±10 V
92
100
96
101
dB(6)
THD
Total harmonic distortion
fIN = 10 kHz, ±10 V
–97
–92
–98
–95
dB
fIN = 10 kHz, ±10 V
85
88
87
88.5
SINAD
Signal-to-(noise+distortion)
dB
–60 dB Input
29
29
SNR
Signal-to-noise ratio
fIN = 10 kHz, ±10 V
85
88
88
89
dB
SNR usable bandwidth(7)
fIN = 10 kHz, ±10 V
130
130
kHz
SNR full-power bandwidth (–3 dB)
fIN = 10 kHz, ±10 V
600
600
kHz
SAMPLING DYNAMICS
Aperture delay
40
40
ns
Aperture jitter
20
20
ps
Transient response
FS step
5
5
µs
Overvoltage recovery(8)
750
750
ns
(2)
LSB means Least Significant Bit. One LSB for the ±10 V input range is 305
µV.
(3)
Typical rms noise at worst-case transitions.
(4)
Full-scale error is the worst case of –Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by
the transition voltage (not divided by the full-scale range) and includes the effect of offset error.
(5)
This is the time delay after the ADS8517 is brought out of Power-Down mode until all internal settling occurs and the analog input is
acquired to rated accuracy. A Convert command after this delay will yield accurate results.
(6)
All specifications in dB are referred to a full-scale input.
(7)
Usable bandwidth defined as full-scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60 dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8517


Podobny numer części - ADS8517IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8517IPWR TI-ADS8517IPWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Podobny opis - ADS8517IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com