Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM501-1 Arkusz danych(PDF) 1 Page - Datatronic Distribution, Inc.

Numer części SM501-1
Szczegółowy opis  SURFACE MOUNT TELECOM TRANSFORMER SM501-1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DATATRONICS [Datatronic Distribution, Inc.]
Strona internetowa  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM501-1 Arkusz danych(HTML) 1 Page - Datatronic Distribution, Inc.

  SM501-1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 6, 2013
DATATRONIC
: 28151 Highway 74, Menifee, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice
ELECTRICAL SPECIFICATIONS AT 25ºC
IMPEDANCE
PRIMARY
600 Ohms
SECONDARY
600 Ohms
TURNS RATIO
1 : 1
INSERTION LOSS @ 2 kHz (max)
2.0 dB
FREQUENCY RESPONSE @ 200-4000Hz
±0.25 dB
RETURN LOSS @ 200-4000Hz
24 dB
LONGITUDINAL BALANCE (min)
80 dB
DISTORTION (max)
-76 dB
POWER LEVEL
10 dBm
SHUNT INDUCTANCE (min)
3.8 H
SHUNT LOSS (min)
7500 Ohms
LEAKAGE INDUCTANCE @ 1kHz
6-7 mH
UNBALANCED D.C. CURRENT
0 mA
DC RESISTANCE*
PRIMARY
(±15%)
115 Ohms
SECONDARY (±15%)
115 Ohms
INSULATION RESISTANCE (min) @500VDC
100 MOhms
DIELECTRIC STRENGTH for 1 minute (PRI – SEC)
3750 Vrms
(100% tested at 4600 Vrms for 2 seconds in production)
Weight:
2 grams
Note: For use with recommended circuit (BS6305 impedance Class A non-speech or Class B speech)
*SM501-1 is symmetrical meaning there is no real primary or secondary winding.
**SM501-1 is identical to SM-LP-5001. SM-LP-5001 is the European version and is UL60950-1 recognized.
Terminal finish is compliant to RoHS requirements
. Solder in accordance with J-STD-020D
Moisture Sensitivity Level = 3
OUTLINE SPECIFICATIONS
SURFACE MOUNT TELECOM TRANSFORMER SM501-1
Features
UL60950-1 Recognized
Operating Temp. -20°C to +85°C
Storage Temp. -20°C to +85°C
APPLICATIONS
Modems
Laptop Computers
Telecommunications
Instrumentation
SM501-1 DATE
PRC
C
US
1
2
3
4
5
6
12.5
0.60
Typ
0.60
Typ
9.60
ALL DIMENSIONS IN MILLIMETERS
TOLERANCE : .XX =+/-0.25MM
7.36
Leads Coplanarity = 0.15mm Maximum
1
3
6
4
PR
SEC
SCHEMATIC
N/C
N/C
2.50 X 0.95
2.54
5.08
12.0
LINE
600
6.8uF
6.8nF
±5%
6.8nF
±5%
430
600
MATCHING (SPEECH)
LINE
370
310nF
100nF
±5%
680
560
620
BS6305 CLASS A MATCHING (NON-SPEECH)
RECOMMENDED CIRCUITS
3.3uF
±5%
±2%
±2%


Podobny numer części - SM501-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
SM5010AH2S NPC-SM5010AH2S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
More results

Podobny opis - SM501-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
457 LITTELFUSE-457 Datasheet
77Kb / 2P
   SURFACE MOUNT TELECOM PROTECTORS
logo
Datatronic Distribution...
LM302-1L DATATRONICS-LM302-1L Datasheet
122Kb / 1P
   TELECOM TRANSFORMER LM302-1L
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com