Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC138DTR2 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC74AC138DTR2
Szczegółowy opis  1?뭥f?? Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC138DTR2 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC74AC138DTR2 Datasheet HTML 2Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 3Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 4Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 5Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 6Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 7Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 8Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 9Page - ON Semiconductor MC74AC138DTR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC74AC138, MC74ACT138
http://onsemi.com
6
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
An to On
5.0
1.5
7.0
10.5
1.5
11.5
ns
3−6
tPHL
Propagation Delay
An to On
5.0
1.5
6.5
10.5
1.5
11.5
ns
3−6
tPLH
Propagation Delay
E1 or E2 to On
5.0
2.5
8.0
11.5
2.0
12.5
ns
3−6
tPHL
Propagation Delay
E1 or E2 to On
5.0
2.0
7.5
11.5
2.0
12.5
ns
3−6
tPLH
Propagation Delay
E3 to On
5.0
2.5
8.0
12.0
2.0
13.0
ns
3−6
tPHL
Propagation Delay
E3 to On
5.0
2.0
6.5
10.5
1.5
11.5
ns
3−6
*Voltage Range 5.0 V is 5.0 V ± 0.5 V
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
60
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
AC138
AWLYWW
MC74AC138N
AWLYYWW
AC
138
ALYW
ACT138
AWLYWW
ACT
138
ALYW
MC74ACT138N
AWLYYWW
DIP−16
SO−16
TSSOP−16
EIAJ−16
74AC138
ALYW
74ACT138
ALYW


Podobny numer części - MC74AC138DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2G ONSEMI-MC74AC138DTR2G Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2G ONSEMI-MC74AC138DTR2G Datasheet
105Kb / 10P
   1-of-8 Decoder/Demultiplexer
January, 2015 ??Rev. 7
More results

Podobny opis - MC74AC138DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com