Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78XXE Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części MC78XXE
Szczegółowy opis  3-Terminal 1A Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78XXE Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button MC78XXE Datasheet HTML 2Page - Fairchild Semiconductor MC78XXE Datasheet HTML 3Page - Fairchild Semiconductor MC78XXE Datasheet HTML 4Page - Fairchild Semiconductor MC78XXE Datasheet HTML 5Page - Fairchild Semiconductor MC78XXE Datasheet HTML 6Page - Fairchild Semiconductor MC78XXE Datasheet HTML 7Page - Fairchild Semiconductor MC78XXE Datasheet HTML 8Page - Fairchild Semiconductor MC78XXE Datasheet HTML 9Page - Fairchild Semiconductor MC78XXE Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC78XXE
6
Figure 9. Constant Current Regulator
Notes:
(1) To specify an output voltage. substitute voltage value for "XX." A common ground is required between the input and the
Output voltage. The input voltage must remain typically 2.0V above the output voltage even during the low point on the input
ripple voltage.
(2) CI is required if regulator is located an appreciable distance from power Supply filter.
(3) CO improves stability and transient response.
Figure 10. Circuit for Increasing Output Voltage
Figure 11. Adjustable Output Regulator (7 to 30V)
IO =
VXX
R1
+ IQ
1
2
3
0.1uF
R1
VXX
Output
Input
0.33uF
IQ
CO
RL
IO
MC78XXE
MC78XXE
Output
Input
R1
R2
1
2
3
0.33uF
Cl
Co
0.1uF
VXX
IQ
IRI 5IQ
VO = VXX(1+R2/R1)+IQR2
MC7805E
IRI 5IQ
VO = VXX(1+R2/R1)+IQR2
LM741
Output
Input
2
3
6
4
1
2
3
Cl
0.33uF
Co
0.1uF
10k
_
+


Podobny numer części - MC78XXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78XXE FAIRCHILD-MC78XXE Datasheet
246Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

Podobny opis - MC78XXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com