Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA-DM Arkusz danych(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Numer części UA-DM
Szczegółowy opis  Single Pole Relay UA series designed with medium current load 3A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Strona internetowa  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

UA-DM Arkusz danych(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  UA-DM Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD UA-DM Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UA
Coil Specification (at 20
°°°°C)
Coil Sensitivity
Nominal
Voltage (VDC)
Nominal
Current (mA)
Coil Resistance
(
Ω±10%)
Power
Consumption
(W)
Pull-In Voltage
(VDC)
Drop-Out
Voltage (VDC)
Maximum
Allowable
Voltage (VDC)
3
120
25
5
72.5
69
6
60
100
9
40
225
12
30
400
UA - D/DM
24
15
1,600
Abt. 0.36
75%
Maximum
5%
Minimum
130%
Ordering Information
UA -
SS
-
1
12
D
M
Contact Form:
Nil: One Form C
M: One Form A
B: One Form B
Coil Type:
D: Standard DC Coil
Coil Voltage:
03: 3V, 05: 5V, 06: 6V, 09: 9V, 12: 12V, 24: 24V
Number of Pole:
1: One Pole
Type of Sealing:
SS: RT II Flux Proofed Relays
SH: RT III Wash Tight Relays
Type:
UA
Classification
Model
UA
Contact Form
1C
1A
1B
Flow Solder Type
UA-SS-1□□D
UA-SS-1□□DM
UA-SS-1□□DB
Plastic Sealed Type
UA-SH-1□□D
UA-SH-1□□DM
UA-SH-1□□DB
Dimension ( ≤ 5mm+ 0.2mm, > 5mm + 0.3mm, the tolerance of PCB thru hole: +0.1mm)
P.C.B. Layout
Bottom View
Reference Data
Coil t em p. rise
Coil Pow er (W)
Current of load(A)
Coil Pow er (W)
Life expect ancy
O perat e t im e
UA


Podobny numer części - UA-DM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
UA-D HUAXINAN-UA-D Datasheet
169Kb / 2P
   Single Pole Relay UA series designed with medium current load 3A.
UA-DB HUAXINAN-UA-DB Datasheet
169Kb / 2P
   Single Pole Relay UA series designed with medium
More results

Podobny opis - UA-DM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
UA-D HUAXINAN-UA-D Datasheet
169Kb / 2P
   Single Pole Relay UA series designed with medium current load 3A.
UA-DB HUAXINAN-UA-DB Datasheet
169Kb / 2P
   Single Pole Relay UA series designed with medium
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com