Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4001PL Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SM4001PL
Szczegółowy opis  1.0 Ampere Silion Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM4001PL Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SM4001PL Datasheet HTML 1Page - Micro Commercial Components SM4001PL Datasheet HTML 2Page - Micro Commercial Components SM4001PL Datasheet HTML 3Page - Micro Commercial Components SM4001PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.0 Ampere
Silion Rectifier
50 to 1000 Volts
Features

Low Leakage Current

Operating Temperature(Tj): -65
to +175

Storage Temperature(TSTG): -65
to +175

Typical Thermal Resistance(RthJA): 50
/W
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V-
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Full Load
Reverse Current
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
TM
Micro Commercial Components
50uA-----TA=100
Average ,Full Cycle
9.5mm Lead Length
TL=75
A
B
E
C
D
H
G
A
-
TA =75
-
TA = 25
-
-
-
30uA
IR
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SM4001PL
A1
50V
35V
50V
SM4002PL
A2
100V
70V
100V
SM4003PL
A3
200V
140V
200V
SM4004PL
A4
400V
280V
400V
SM4005PL
A5
600V
420V
600V
SM4006PL
A6
800V
560V
800V
SM4001PL
thru
SM4007PL
www.mccsemi.com
1 of 4
-
-
-
-
-
Reverse
-
-
-
-
-
Voltage
SM4007PL
A7
1000V
700V
1000V
IF=1A
Revision:
D
20
13/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Maximum Ratings
Halogen free available upon request by adding suffix "-HF"

Glass Passivated Junction
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Podobny numer części - SM4001PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SM4001PL MCC-SM4001PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Nanjing International G...
SM4001PL DGNJDZ-SM4001PL Datasheet
248Kb / 3P
   1.0 AmpereSilion Rectifier
More results

Podobny opis - SM4001PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SM4001PL MCC-SM4001PL_16 Datasheet
219Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4004PL-TP MCC-SM4004PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL-TP MCC-SM4001PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com