Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T6V8AYCAY Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części SM6T6V8AYCAY
Szczegółowy opis  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T6V8AYCAY Arkusz danych(HTML) 3 Page - STMicroelectronics

  SM6T6V8AYCAY Datasheet HTML 1Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 2Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 3Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 4Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 5Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 6Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 7Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 8Page - STMicroelectronics SM6T6V8AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM6TY
Characteristics
Doc ID 17741 Rev 3
3/12
Table 2.
Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max @ VRM
VBR @IR
(1)
VCL @ IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @ IPP
8/20 µs
RD
(2)
8/20 µs
αT
25 °C 85 °C
min. typ. max.
max.
max.
max.
µA
V
V
mA
V(3)
A(4)
Ω
V(3) A(4)
Ω
10-4/ °C
SM6T6V8AY/CAY
20
50
5.80 6.45 6.80 7.10
10
10.5
57.0
0.059
13.4 298
0.021
5.70
SM6T7V5AY/CAY
20
50
6.40 7.13 7.50 7.90
10
11.3
53.0
0.065
14.5 276
0.024
6.10
SM6T10AY/CAY
20
50
8.55 9.50 10.0 10.5
1
14.5
41.0
0.098
18.6 215
0.038
7.30
SM6T12AY/CAY
0.2
1
10.2 11.4 12.0 12.6
1
16.7
36.0
0.114
21.7 184
0.049
7.80
SM6T15AY/CAY
0.2
1
12.8 14.3 15.0 15.8
1
21.2
28v
0.193
27.2 147
0.078
8.40
SM6T18AY/CAY
0.2
1
15.3 17.1 18.0 18.9
1
25.2
24.0
0.263
32.5 123
0.111
8.80
SM6T22AY/CAY
0.2
1
18.8 20.9 22.0 23.1
1
30.6
20.0
0.375
39.3 102
0.159
9.20
SM6T24AY/CAY
0.2
1
20.5 22.8 24.0 25.2
1
33.2
18.0
0.444
42.8 93.0 0.189
9.40
SM6T27AY/CAY
0.2
1
23.1 25.7 27.0 28.4
1
37.5
16.0
0.569
48.3 83.0 0.240
9.60
SM6T30AY/CAY
0.2
1
25.6 28.5 30.0 31.5
1
41.5
14.5
0.69
53.5 75.0 0.293
9.70
SM6T33AY/CAY
0.2
1
28.2 31.4 33.0 34.7
1
45.7
13.1
0.84
59.0 68.0 0.357
9.80
SM6T36AY/CAY
0.2
1
30.8 34.2 36.0 37.8
1
49.9
12.0
1.01
64.3 62.0 0.427
9.90
SM6T39AY/CAY
0.2
1
33.3 37.1 39.0 41.0
1
53.9
11.1
1.16
69.7 57.0 0.504
10.0
SM6T42AY/CAY
0.2
1
36.0 40.0 42.1 44.2
1
58.1
10.3
1.35
76.0 52.0 0.611
10.0
SM6T47AY/CAY
0.2
1
40.0 44.4 46.7 49.0
1
64.5
9.7
1.59
84.0 48.0 0.728
10.1
SM6T56AY/CAY
0.2
1
47.6 53.2 56.0 58.8
1
76.6
7.8
2.28
100 40.0
1.03
10.0
SM6T68AY/CAY
0.2
1
58.1 64.6 68.0 71.4
1
92
6.5
3.17
121 33.0
1.50
10.4
SM6T75AY/CAY
0.2
1
64.1 71.3 75.0 78.8
1
103
5.8
4.17
134 30.0
1.84
10.5
SM6T82AY/CAY
0.2
1
70.0 77.8 81.9 86.0
1
113
5.5
4.91
146 27.0
2.22
10.5
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at another surge level, use the following formula:
VCLmax = VCL - RD x (IPP - IPPappli) where IPPappli is the surge current in the application.
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ - 25))
VCL @ TJ = VCL @ 25°C x (1 + αT x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.


Podobny numer części - SM6T6V8AYCAY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T6V8AY STMICROELECTRONICS-SM6T6V8AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T6V8AY STMICROELECTRONICS-SM6T6V8AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T6V8AY STMICROELECTRONICS-SM6T6V8AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T6V8AY STMICROELECTRONICS-SM6T6V8AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Podobny opis - SM6T6V8AYCAY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com