Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12040 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADC12040
Szczegółowy opis  12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12040 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC12040_14 Datasheet HTML 3Page - Texas Instruments ADC12040_14 Datasheet HTML 4Page - Texas Instruments ADC12040_14 Datasheet HTML 5Page - Texas Instruments ADC12040_14 Datasheet HTML 6Page - Texas Instruments ADC12040_14 Datasheet HTML 7Page - Texas Instruments ADC12040_14 Datasheet HTML 8Page - Texas Instruments ADC12040_14 Datasheet HTML 9Page - Texas Instruments ADC12040_14 Datasheet HTML 10Page - Texas Instruments ADC12040_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ADC12040
www.ti.com
SNAS135G – FEBRUARY 2001 – REVISED MARCH 2013
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, VREF = +2.0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits apply for TA = TJ = TMIN to TMAX:
all other limits TA = TJ = 25°C
(1) (2) (3)
Typical
Units
Symbol
Parameter
Conditions
Limits (5)
(4)
(Limits)
CLK, PD, OE DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 4.75V
1.0
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
VDR = 2.5V
2.3
V (min)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
VDR = 3V
2.7
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 3V
0.4
V (max)
VOUT = 2.5V or 5V
100
nA
IOZ
TRI-STATE Output Current
VOUT = 0V
−100
nA
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA (min)
−ISC
Output Short Circuit Sink Current
VOUT = VDR
20
mA (min)
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND, VREF = 2.0V
59
66
mA (max)
IA
Analog Supply Current
PD Pin = VDR
8
mA
PD Pin = DGND
6
7.3
mA (max)
ID
Digital Supply Current
PD Pin = VDR, fCLK = 0
0
mA
PD Pin = DGND, CL = 0 pF
(6)
3
mA (max)
IDR
Digital Output Supply Current
PD Pin = VDR, fCLK = 0
0
mA
PD Pin = DGND, CL = 0 pF
(7)
340
366
mW
Total Power Consumption
PD Pin = VDR, fCLK = 0
40
mW
Rejection of Full-Scale Error with
PSRR1
Power Supply Rejection
58
dB
VA = 4.75V vs. 5.25V
SNR Degradation w/10 MHz,
PSRR2
Power Supply Rejection
50
dB
200 mVP-P riding on VA
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per (). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100
mV. As an example, if VA is 4.75V, the full-scale input voltage must be ≤4.85V to ensure accurate conversions. See Figure 1
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +2.0V (4VP-P differential input), the 12-bit LSB is 977 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average
Outgoing Quality Level).
(5)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average
Outgoing Quality Level).
(6)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(7)
Excludes IDR. See previous note.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12040


Podobny numer części - ADC12040_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12040CIVY NSC-ADC12040CIVY Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12040CIVY NSC-ADC12040CIVY Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040CIVY/NOPB TI1-ADC12040CIVY/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040CIVYX NSC-ADC12040CIVYX Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12040CIVYX NSC-ADC12040CIVYX Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC12040_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com