Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10321 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADC10321
Szczegółowy opis  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10321 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC10321_14 Datasheet HTML 4Page - Texas Instruments ADC10321_14 Datasheet HTML 5Page - Texas Instruments ADC10321_14 Datasheet HTML 6Page - Texas Instruments ADC10321_14 Datasheet HTML 7Page - Texas Instruments ADC10321_14 Datasheet HTML 8Page - Texas Instruments ADC10321_14 Datasheet HTML 9Page - Texas Instruments ADC10321_14 Datasheet HTML 10Page - Texas Instruments ADC10321_14 Datasheet HTML 11Page - Texas Instruments ADC10321_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADC10321
SNAS028F – JUNE 2000 – REVISED MAY 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for VA = +5.0VDC, VD I/O = 5.0VDC, VREF+ = +3.5VDC, VREF− = +1.5VDC, fCLK = 20MHz, trc = tfc
= 5ns, RS = 25Ω. CL (data bus loading) = 20 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
From output High, 2K to
25
ns
Ground
tDIS
Rising edge of OE to valid data
From output Low, 2K to
18
ns
VD I/O
tEN
Falling edge of OE to valid data
1K to VCC
25
ns
tVALID
Data valid time
40
ns
tAD
Apeture Delay
4
ns
tAJ
Aperture Jitter
<30
ps
Full Scale Step Response
tr = 10ns
1
conversion
VIN step from (VREF+
Overrange Recovery Time
1
conversion
+100mV) to (VREF−)
PD low to 1/2 LSB accurate conversion
tWU
700
ns
(Wake-Up time)
Figure 1.
Figure 2.
Figure 3.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC10321


Podobny numer części - ADC10321_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results

Podobny opis - ADC10321_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com