Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC78H89 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC78H89
Szczegółowy opis  7-Channel, 500 KSPS, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC78H89 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADC78H89 Datasheet HTML 1Page - Texas Instruments ADC78H89 Datasheet HTML 2Page - Texas Instruments ADC78H89 Datasheet HTML 3Page - Texas Instruments ADC78H89 Datasheet HTML 4Page - Texas Instruments ADC78H89 Datasheet HTML 5Page - Texas Instruments ADC78H89 Datasheet HTML 6Page - Texas Instruments ADC78H89 Datasheet HTML 7Page - Texas Instruments ADC78H89 Datasheet HTML 8Page - Texas Instruments ADC78H89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
NC
GND
AIN1
AIN2
AIN3
AIN4
ADC78H89
AV
DD
SCLK
DOUT
DIN
GND
AIN7
AIN6
AIN5
DV
DD
ADC78H89
www.ti.com
SNAS201D – APRIL 2003 – REVISED MARCH 2013
ADC78H89 7-Channel, 500 KSPS, 12-Bit A/D Converter
Check for Samples: ADC78H89
1
FEATURES
DESCRIPTION
The ADC78H89 is a low-power, seven-channel
23
Seven Input Channels
CMOS
12-bit
analog-to-digital
converter
with
a
Variable Power Management
conversion throughput of 500 KSPS. The converter is
Independent Analog and Digital Supplies
based
on
a
successive-approximation
register
architecture with an internal track-and-hold circuit. It
SPI™/QSPI™/MICROWIRE™/DSP Compatible
can be configured to accept up to seven input signals
Packaged in 16-Lead TSSOP
on pins AIN1 through AIN7.
The output serial data is straight binary, and is
APPLICATIONS
compatible with several standards, such as SPI™,
Automotive Navigation
QSPI™, MICROWIRE™, and many common DSP
Portable Systems
serial interfaces.
Medical Instruments
The ADC78H89 may be operated with independent
Mobile Communications
analog and digital supplies. The analog supply (AVDD)
can range from +2.7V to +5.25V, and the digital
Instrumentation and Control Systems
supply (DVDD) can range from +2.7V to AVDD. Normal
power consumption using a +3V or +5V supply is
KEY SPECIFICATIONS
1.5 mW and 8.3 mW, respectively. The power-down
Conversion Rate: 500 KSPS
feature reduces the power consumption to just
0.3 µW using a +3V supply, or 0.5 µW using a +5V
DNL: ± 1 LSB (max)
supply. The ADC78H89 is packaged in a 16-lead
INL: ± 1 LSB (max)
TSSOP
package.
Operation
over
the
industrial
Power Consumption
temperature range of
−40°C to +85°C is ensured.
3V Supply: 1.5 mW (typ)
5V Supply: 8.3 mW (typ)
Connection Diagram
Figure 1. 16-Lead TSSOP
See PW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADC78H89

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H89 NSC-ADC78H89 Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMTX NSC-ADC78H89CIMTX Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results

Podobny opis - ADC78H89

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com