Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC78H89CIMT Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADC78H89CIMT
Szczegółowy opis  7-Channel, 500 KSPS, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC78H89CIMT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC78H89CIMT Datasheet HTML 5Page - Texas Instruments ADC78H89CIMT Datasheet HTML 6Page - Texas Instruments ADC78H89CIMT Datasheet HTML 7Page - Texas Instruments ADC78H89CIMT Datasheet HTML 8Page - Texas Instruments ADC78H89CIMT Datasheet HTML 9Page - Texas Instruments ADC78H89CIMT Datasheet HTML 10Page - Texas Instruments ADC78H89CIMT Datasheet HTML 11Page - Texas Instruments ADC78H89CIMT Datasheet HTML 12Page - Texas Instruments ADC78H89CIMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADC78H89
www.ti.com
SNAS201D – APRIL 2003 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, fSAMPLE = 500 KSPS, fSCLK = 8 MHz, fIN = 40.2 kHz unless otherwise stated.
DNL
DNL
Figure 6.
Figure 7.
INL
INL
Figure 8.
Figure 9.
DNL vs. Supply
INL vs. Supply
Figure 10.
Figure 11.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC78H89


Podobny numer części - ADC78H89CIMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMTX NSC-ADC78H89CIMTX Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMTX NSC-ADC78H89CIMTX Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results

Podobny opis - ADC78H89CIMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com