Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC78H90CIMTX Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADC78H90CIMTX
Szczegółowy opis  8-Channel, 500 kSPS, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC78H90CIMTX Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC78H90CIMTX Datasheet HTML 1Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 2Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 3Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 4Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 5Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 6Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 7Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 8Page - Texas Instruments ADC78H90CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADC78H90
SNAS227D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
ADC78H90 Converter Electrical Characteristics
(1)
The following specifications apply for AVDD = DVDD = +2.7V to 5.25V, AGND = DGND = 0V, fSCLK = 8 MHz, fSAMPLE = 500
KSPS, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non-Linearity
AVDD = +5.0V, DVDD = +3.0V
±1
LSB (max)
DNL
Differential Non-Linearity
AVDD = +5.0V, DVDD = +3.0V
±1
LSB (max)
VOFF
Offset Error
AVDD = +5.0V, DVDD = +3.0V
±2
LSB (max)
OEM
Offset Error Match
AVDD = +5.0V, DVDD = +3.0V
±2
LSB (max)
GE
Gain Error
AVDD = +5.0V, DVDD = +3.0V
±3
LSB (max)
GEM
Gain Error Match
AVDD = +5.0V, DVDD = +3.0V
±3
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
AVDD = +5.0V, DVDD = +3.0V,
SINAD
Signal-to-Noise Plus Distortion Ratio
73
70
dB (min)
fIN = 40.2 kHz, −0.02 dBFS
AVDD = +5.0V, DVDD = +3.0V,
SNR
Signal-to-Noise Ratio
73
70.8
dB (min)
fIN = 40.2 kHz, −0.02 dBFS
AVDD = +5.0V, DVDD = +3.0V,
THD
Total Harmonic Distortion
−86
−74
dB (max)
fIN = 40.2 kHz, −0.02 dBFS
AVDD = +5.0V, DVDD = +3.0V,
SFDR
Spurious-Free Dynamic Range
88
75.6
dB (min)
fIN = 40.2 kHz, −0.02 dBFS
ENOB
Effective Number of Bits
AVDD = +5.0V, DVDD = +3.0V,
11.8
11.3
Bits (min)
AVDD = +5.0V, DVDD = +3.0V,
Channel-to-Channel Crosstalk
-82
dB
fIN = 40.2 kHz
Intermodulation Distortion, Second
AVDD = +5.0V, DVDD = +3.0V,
-93
dB
Order Terms
fa = 40.161 kHz, fb = 41.015 kHz
IMD
Intermodulation Distortion, Third Order
AVDD = +5.0V, DVDD = +3.0V,
-90
dB
Terms
fa = 40.161 kHz, fb = 41.015 kHz
AVDD = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
AVDD = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to AVDD
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
DVDD = +4.75Vto +5.25V
2.4
V (min)
VIH
Input High Voltage
DVDD = +2.7V to +3.6V
2.1
V (min)
VIL
Input Low Voltage
DVDD = +2.7V to +5.25V
0.8
V (max)
IIN
Input Current
VIN = 0V or DVDD
±0.01
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA, DVDD = +2.7V to
VOH
Output High Voltage
DVDD −0.5
V (min)
+5.25V
VOL
Output Low Voltage
ISINK = 200 µA
0.4
V (max)
IOZH, IOZL TRI-STATE® Leakage Current
±1
µA (max)
COUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC78H90


Podobny numer części - ADC78H90CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H90CIMTX NSC-ADC78H90CIMTX Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90CIMTX/NOPB TI1-ADC78H90CIMTX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
More results

Podobny opis - ADC78H90CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89 TI1-ADC78H89_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com