Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12L063CIVY Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADC12L063CIVY
Szczegółowy opis  12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L063CIVY Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC12L063CIVY Datasheet HTML 5Page - Texas Instruments ADC12L063CIVY Datasheet HTML 6Page - Texas Instruments ADC12L063CIVY Datasheet HTML 7Page - Texas Instruments ADC12L063CIVY Datasheet HTML 8Page - Texas Instruments ADC12L063CIVY Datasheet HTML 9Page - Texas Instruments ADC12L063CIVY Datasheet HTML 10Page - Texas Instruments ADC12L063CIVY Datasheet HTML 11Page - Texas Instruments ADC12L063CIVY Datasheet HTML 12Page - Texas Instruments ADC12L063CIVY Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADC12L063
www.ti.com
SNAS144E – JULY 2001 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD, VDR = +3.3V, PD
= 0V, VREF = +1.0V, fCLK = 62 MHz, tr = tf = 2 ns, CL = 20 pF/pin. Boldface limits apply for TA = TJ = TMIN to TMAX: all other
limits TA = TJ = 25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical (5)
Limits (5)
(Limits)
fCLK
1
Maximum Clock Frequency
70
62
MHz(min)
fCLK
2
Minimum Clock Frequency
1
MHz
Recommended Clock Duty Cycle
50
40
%(min)
60
%(max)
tCH
Clock High Time
6.5
ns(min)
tCL
Clock Low Time
6.5
ns(min)
tCONV
Conversion Latency
6
Clock Cycles
VDR = 2.5V
12
ns
tOD
Data Output Delay after Rising CLK Edge
VDR = 3.3V
9
13
ns(max)
tAD
Aperture Delay
2
ns
tAJ
Aperture Jitter
1.2
ps rms
tDIS
Data outputs into TRI-STATE Mode
10
ns
tEN
Data Outputs Active after TRI-STATE
10
ns
tPD
Power Down Mode Exit Cycle
20
tCLK
(1)
The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited
per Note 4 under the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes above VA or
below GND by more than 100 mV. As an example, if VA is 3.3V, the full-scale input voltage must be ≤3.4V to ensure accurate
conversions. See Figure 2
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(5)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average
Outgoing Quality Level).
Figure 2.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12L063


Podobny numer części - ADC12L063CIVY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L063CIVY NSC-ADC12L063CIVY Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063CIVY/NOPB TI1-ADC12L063CIVY/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC12L063CIVYX NSC-ADC12L063CIVYX Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC12L063CIVY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com