Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX97C22 Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części BZX97C22
Szczegółowy opis  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX97C22 Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  BZX97C22 Datasheet HTML 1Page - GOOD-ARK Electronics BZX97C22 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
(1) Tested with pulses tp=20ms.
(2) Measured at I
Z=0.5mA
(3) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Type
Zener voltage range 1)
Dynamic resistance
Reverse leakage current
Temp. coefficient
of Zener voltlage
V
znom
I
ZT for VZT
3)
r
zjT and rzjk at IZK
I
R and IR
3)
at V
R
TK
VZ
VmA
V
mA
nA
uA
V
%/K
BZX97/C 2V4
2.4
5
2.28 ... 2.56
<85
<600
1
<10000
<50
1
135
BZX97/C 2V7
2.7
5
2.5 ... 2.9
<85
<600
1
<10000
<50
1
135
BZX97/C 3V0
3.0
5
2.8 ... 3.2
<85
<600
1
<4000
<40
1
125
BZX97/C 3V3
3.3
5
3.1 ... 3.5
<85
<600
1
<2000
<40
1
115
BZX97/C 3V6
3.6
5
3.4 ... 3.8
<85
<600
1
<2000
<40
1
105
BZX97/C 3V9
3.9
5
3.7 ... 4.1
<85
<600
1
<2000
<40
1
95
BZX97/C 4V3
4.3
5
4.0 ... 4.6
<75
<600
1
<1000
<20
1
90
BZX97/C 4V7
4.7
5
4.4 ... 5.0
<60
<600
1
<500
<10
1
85
BZX97/C 5V1
5.1
5
4.8 ... 5.4
<35
<550
1
<100
<2
1
80
BZX97/C 5V6
5.6
5
5.2 ... 6.0
<25
<450
1
<100
<2
1
70
BZX97/C 6V2
6.2
5
5.8 ... 6.6
<10
<200
1
<100
<2
2
64
BZX97/C 6V8
6.8
5
6.4 ... 7.2
<8
<150
1
<100
<2
3
58
BZX97/C 7V5
7.5
5
7.0 ... 7.9
<7
<50
1
<100
<2
5
53
BZX97/C 8V2
8.2
5
7.7 ... 8.7
<7
<50
1
<100
<2
6
47
BZX97/C 9V1
9.1
5
8.5 ... 9.6
<10
<50
1
<100
<2
7
43
BZX97/C 10
10
5
9.4 ... 10.6
<15
<70
1
<100
<2
7.5
40
BZX97/C 11
11
5
10.4 ... 11.6
<20
<70
1
<100
<2
8.5
36
BZX97/C 12
12
5
11.4 ... 12.7
<20
<90
1
<100
<2
9
32
BZX97/C 13
13
5
12.4 ... 14.1
<26
<110
1
<100
<2
10
29
BZX97/C 15
15
5
13.8 ... 15.6
<30
<110
1
<100
<2
11
27
BZX97/C 16
16
5
15.3 ... 17.1
<40
<170
1
<100
<2
12
24
BZX97/C 18
18
5
16.8 ... 19.1
<50
<170
1
<100
<2
14
21
BZX97/C 20
20
5
18.8 ... 21.2
<55
<220
1
<100
<2
15
20
BZX97/C 22
22
5
20.8 ... 23.3
<55
<220
1
<100
<2
17
18
BZX97/C 24
24
5
22.8 ... 25.6
<80
<220
1
<100
<2
18
16
BZX97/C 27
27
5
25.1 ... 28.9
<80
<220
1
<100
<2
20
14
BZX97/C 30
30
5
28 ... 32
<80
<220
1
<100
<2
22
13
BZX97/C 33
33
5
31 ... 35
<80
<220
1
<100
<2
24
12
BZX97/C 36
36
5
34 ... 38
<90
<250
1
<100
<2
26
11
BZX97/C 39
39
2.5
37 ... 41
<100
<600 2)
0.5
<100
<2
28
10
BZX97/C 43
43
2.5
40 ... 46
<100
<700 2)
0.5
<100
<2
32
9.2
BZX97/C 47
47
2.5
44 ... 50
<120
<1000 2)
0.5
<100
<2
34
8.5
BZX97/C 51
51
2.5
48 ... 54
<135
<1000 2)
0.5
<100
<2
36
7.8
2


Podobny numer części - BZX97C22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
BZX97C SEMTECH_ELEC-BZX97C Datasheet
161Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Podobny opis - BZX97C22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com