Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ110A Arkusz danych(PDF) 4 Page - General Semiconductor

Numer części SMBJ110A
Szczegółowy opis  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GE [General Semiconductor]
Strona internetowa  http://www.vishay.com
Logo GE - General Semiconductor

SMBJ110A Arkusz danych(HTML) 4 Page - General Semiconductor

  SMBJ110A Datasheet HTML 1Page - General Semiconductor SMBJ110A Datasheet HTML 2Page - General Semiconductor SMBJ110A Datasheet HTML 3Page - General Semiconductor SMBJ110A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1.0
2.0
3.0
4.0
0
100
150
50
1.0
µs
10
µs
100
µs
1.0ms
10ms
0.1
1.0
10
100
0.1
µs
0
25
50
75
100
125
150
175
200
0
25
50
100
75
1
10
100 200
10
100
1,000
6,000
1
10
100
10
100
200
1
10
100
200
10
100
1,000
6,000
MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMBG AND SMBJ5.0 THRU 170CA
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
VWM, REVERSE STAND-OFF VOLTAGE, VOLTS
VWM, REVERSE STAND-OFF VOLTAGE,
VOLTS
NUMBER OF CYCLES AT 60 HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG. 3
TA=25°C
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPPM
tr=10
µsec.
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UNIDIRECTIONAL ONLY
td
HALF VALUE - IPP
2
10/1000
µsec. WAVEFORM
as DEFINED by R.E.A.
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
PEAK VALUE
IPPM
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
BIDIRECTIONAL
FIG. 2 - PULSE DERATING CURVE
TJ=25° C
f=1.0 MHZ
Vsig=50mVp-p
TJ=25° C
f=1.0 MHZ
Vsig=50mVp-p
0.2 x 0.2” (0.5 x 0.5mm)
COPPER PAD AREAS
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM


Podobny numer części - SMBJ110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMBJ110A JGD-SMBJ110A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ110A DIGITRON-SMBJ110A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Micro Commercial Compon...
SMBJ110A MCC-SMBJ110A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ110A BILIN-SMBJ110A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Diodes Incorporated
SMBJ110A DIODES-SMBJ110A Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results

Podobny opis - SMBJ110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com