Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FJV3106RMTF Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FJV3106RMTF
Szczegółowy opis  Switching circuit, Inverter, Interface circuit, Driver Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3106RMTF Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FJV3106RMTF Datasheet HTML 1Page - Fairchild Semiconductor FJV3106RMTF Datasheet HTML 2Page - Fairchild Semiconductor FJV3106RMTF Datasheet HTML 3Page - Fairchild Semiconductor FJV3106RMTF Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Input On Voltage
Figure 3. Input Off Voltage
Figure 4. Power Derating
0.1
1
10
100
1
10
100
1000
VCE = 5V
R1 = 10K
R2 = 47K
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
100
VCE =0.3V
R1 = 10K
R2 = 47K
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1k
10k
V
CE = 5V
R
1 = 10K
R
2 = 47K
V
I(off)[V], INPUT OFF VOLTAGE
0
255075
100
125
150
175
0
50
100
150
200
250
300
350
400
Ta[
o
C], AMBIENT TEMPERATURE


Podobny numer części - FJV3106RMTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJV3106R FAIRCHILD-FJV3106R Datasheet
89Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - FJV3106RMTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com