Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08DL500 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części ADC08DL500
Szczegółowy opis  ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADC08DL500_14 Datasheet HTML 6Page - Texas Instruments ADC08DL500_14 Datasheet HTML 7Page - Texas Instruments ADC08DL500_14 Datasheet HTML 8Page - Texas Instruments ADC08DL500_14 Datasheet HTML 9Page - Texas Instruments ADC08DL500_14 Datasheet HTML 10Page - Texas Instruments ADC08DL500_14 Datasheet HTML 11Page - Texas Instruments ADC08DL500_14 Datasheet HTML 12Page - Texas Instruments ADC08DL500_14 Datasheet HTML 13Page - Texas Instruments ADC08DL500_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
ADC08DL500
SNAS495C – MARCH 2011 – REVISED MARCH 2011
www.ti.com
Operating Ratings
(1) (2) (continued)
Ambient Temperature Range (3)
−40°C ≤ TA ≤ +70°C
Supply Voltage (VA)
+1.8V to +2.0V
Driver Supply Voltage (VDR)
+1.8V to VA
Common Mode Input Voltage
VCMO ± 50 mV
VIN+, VIN− Voltage Range (Maintaining Common Mode)
0V to 2.15V
(100% duty cycle)
0V to 2.5V
(10% duty cycle)
Ground Difference
(|GND
− DR GND|)
0V
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
Common Mode Input Voltage
VCMO - 50mV < VCMI < VCMO + 50mV
(3)
The 4-layer standard JEDEC thermal test board or 4LJEDEC is 4"x3" in size. The board has two embedded copper layers which cover
roughly the same size as the board. The copper thickness for the four layers, starting from the top one, is 2 oz., 1 oz., 1 oz., 2 oz.
Detailed description of the board can be found in the JESD 51-7 standard.
Package Thermal Resistance
(1) (2)
Package
θJA
θJC
psiJB
144-Lead,
43.6°C / W
12.5°C / W
39.0°C / W
LQFP
(1)
Soldering process must comply with National Semiconductor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging.
(2)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: ADC08DL500


Podobny numer części - ADC08DL500_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Podobny opis - ADC08DL500_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com