Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC084S021 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADC084S021
Szczegółowy opis  ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC084S021 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC084S021_14 Datasheet HTML 1Page - Texas Instruments ADC084S021_14 Datasheet HTML 2Page - Texas Instruments ADC084S021_14 Datasheet HTML 3Page - Texas Instruments ADC084S021_14 Datasheet HTML 4Page - Texas Instruments ADC084S021_14 Datasheet HTML 5Page - Texas Instruments ADC084S021_14 Datasheet HTML 6Page - Texas Instruments ADC084S021_14 Datasheet HTML 7Page - Texas Instruments ADC084S021_14 Datasheet HTML 8Page - Texas Instruments ADC084S021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADC084S021
SNAS279E – APRIL 2005 – REVISED MARCH 2013
www.ti.com
ADC084S021 Converter Electrical Characteristics
(1)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200
ksps, CL = 50 pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits (2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
INL
Integral Non-Linearity
±0.04
±0.2
LSB (max)
DNL
Differential Non-Linearity
±0.04
±0.2
LSB (max)
VOFF
Offset Error
+0.52
±0.7
LSB (max)
OEM
Channel to Channel Offset Error Match
±0.01
±0.3
LSB (max)
FSE
Full-Scale Error
+0.51
±0.7
LSB (max)
Channel to Channel Full-Scale Error
FSEM
+0.01
±0.3
LSB (max)
Match
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7 to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
49.6
49.1
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
49.6
49.2
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
THD
Total Harmonic Distortion
−76
−62
dB (max)
fIN = 39.9 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
68
63
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
ENOB
Effective Number of Bits
7.9
7.9
Bits (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = +5.25V
Channel-to-Channel Crosstalk
−73
dB
fIN = 39.9 kHz
Intermodulation Distortion, Second
VA = +5.25V
−78
dB
Order Terms
fa = 40.161 kHz, fb = 41.015 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−73
dB
Terms
fa = 40.161 kHz, fb = 41.015 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VA
±10
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.03
VA − 0.5
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.03
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
IOZH, IOZL TRI-STATE® Leakage Current
±1
µA (max)
COUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
(1)
Min/max specification limits are specified by design, test, or statistical analysis.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC084S021


Podobny numer części - ADC084S021_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMM/NOPB TI-ADC084S021CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMMX TI-ADC084S021CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMMX/NOPB TI-ADC084S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
More results

Podobny opis - ADC084S021_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com