Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC104S101 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC104S101
Szczegółowy opis  ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC104S101 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADC104S101 Datasheet HTML 1Page - Texas Instruments ADC104S101 Datasheet HTML 2Page - Texas Instruments ADC104S101 Datasheet HTML 3Page - Texas Instruments ADC104S101 Datasheet HTML 4Page - Texas Instruments ADC104S101 Datasheet HTML 5Page - Texas Instruments ADC104S101 Datasheet HTML 6Page - Texas Instruments ADC104S101 Datasheet HTML 7Page - Texas Instruments ADC104S101 Datasheet HTML 8Page - Texas Instruments ADC104S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
CS
SCLK
DOUT
DIN
IN1
GND
IN4
IN3
IN2
VA
ADC084S101
ADC084S101
www.ti.com
SNAS285D – APRIL 2005 – REVISED MARCH 2013
ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
Check for Samples: ADC084S101
1
FEATURES
DESCRIPTION
The ADC084S101 is a low-power, four-channel
2
Specified Over a Range of Sample Rates
CMOS 8-bit analog-to-digital converter with a high-
Four Input Channels
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC084S101 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 500 ksps to 1 Msps. The
converter is based on a successive-approximation
KEY SPECIFICATIONS
register architecture with an internal track-and-hold
DNL: ±0.10 LSB (Typ)
circuit. It can be configured to accept up to four input
signals at inputs IN1 through IN4.
INL: ± 0.13 LSB (Typ)
SNR: 49.6 dB (Typ)
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
Power Consumption:
QSPI™, MICROWIRE and many common DSP serial
3V Supply: 3.2 mW (Typ)
interfaces.
5V Supply: 9.6 mW (Typ)
The ADC084S101 operates with a single supply, that
can range from +2.7V to +5.25V. Normal power
APPLICATIONS
consumption using a +3V or +5V supply is 3.2 mW
Portable Systems
and 9.6 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 µW using
Remote Data Acquisition
a +3V supply, or 0.35 µW using a +5V supply.
Instrumentation and Control Systems
The ADC084S101 is packaged in a 10-lead VSSOP
package. Operation over the industrial temperature
range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC124S021
ADC124S051
ADC124S101
10-bit
ADC104S021
ADC104S051
ADC104S101
8-bit
ADC084S021
ADC084S051
ADC084S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 10-Lead VSSOP
See DGS Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADC104S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC104S101 NSC-ADC104S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
ADC104S101 NSC-ADC104S101 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S101 TI-ADC104S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S101 TI-ADC104S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S101 TI-ADC104S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Podobny opis - ADC104S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com