Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08500CIYB Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADC08500CIYB
Szczegółowy opis  ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08500CIYB Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC08500CIYB Datasheet HTML 2Page - Texas Instruments ADC08500CIYB Datasheet HTML 3Page - Texas Instruments ADC08500CIYB Datasheet HTML 4Page - Texas Instruments ADC08500CIYB Datasheet HTML 5Page - Texas Instruments ADC08500CIYB Datasheet HTML 6Page - Texas Instruments ADC08500CIYB Datasheet HTML 7Page - Texas Instruments ADC08500CIYB Datasheet HTML 8Page - Texas Instruments ADC08500CIYB Datasheet HTML 9Page - Texas Instruments ADC08500CIYB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
VDR
DR GND
+
-
+
-
Tdiode_P
Tdiode_N
V
VA
GND
ADC08500
SNAS373E – MAY 2007 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
External bias resistor connection.
32
REXT
Nominal value is 3.3 kOhms (±0.1%) to ground. See Self-
Calibration.
Temperature Diode Positive (Anode) and Negative (Cathode).
34
Tdiode_P
These pins may be used for die temperature measurements,
35
Tdiode_N
however no specified accuracy is implied or ensured. See
Thermal Management.
83
D7-
84
D7+
85
D6-
86
D6+
89
D5-
90
D5+
91
D4-
Input channel LVDS Data Outputs that are not delayed in the
92
D4+
output demultiplexer. Compared with the Dd outputs, these
93
D3-
outputs represent the later time samples. These outputs should
94
D3+
always be terminated with a 100
Ω differential resistor.
95
D2-
96
D2+
100
D1-
101
D1+
102
D0-
103
D0+
104
Dd7-
105
Dd7+
106
Dd6-
107
Dd6+
111
Dd5-
112
Dd5+
113
Dd4-
Input channel LVDS Data Outputs that are delayed by one CLK
114
Dd4+
cycle in the output demultiplexer. Compared with the D outputs,
115
Dd3-
these outputs represent the earlier time sample. These outputs
116
Dd3+
should always be terminated with a 100
Ω differential resistor.
117
Dd2-
118
Dd2+
122
Dd1-
123
Dd1+
124
Dd0-
125
Dd0+
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08500


Podobny numer części - ADC08500CIYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08500CIYB NSC-ADC08500CIYB Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500CIYB NSC-ADC08500CIYB Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500CIYB/NOPB TI1-ADC08500CIYB/NOPB Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results

Podobny opis - ADC08500CIYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com