Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC084S101 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC084S101
Szczegółowy opis  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC084S101 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC084S101 Datasheet HTML 7Page - Texas Instruments ADC084S101 Datasheet HTML 8Page - Texas Instruments ADC084S101 Datasheet HTML 9Page - Texas Instruments ADC084S101 Datasheet HTML 10Page - Texas Instruments ADC084S101 Datasheet HTML 11Page - Texas Instruments ADC084S101 Datasheet HTML 12Page - Texas Instruments ADC084S101 Datasheet HTML 13Page - Texas Instruments ADC084S101 Datasheet HTML 14Page - Texas Instruments ADC084S101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADC104S101
www.ti.com
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated.
DNL vs. Clock Frequency
INL vs. Clock Frequency
Figure 12.
Figure 13.
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
Figure 14.
Figure 15.
DNL vs. Temperature
INL vs. Temperature
Figure 16.
Figure 17.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC104S101


Podobny numer części - ADC084S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC084S101 NSC-ADC084S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
ADC084S101 NSC-ADC084S101 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Podobny opis - ADC084S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com