Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC104S101CIMM Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADC104S101CIMM
Szczegółowy opis  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC104S101CIMM Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC104S101CIMM Datasheet HTML 2Page - Texas Instruments ADC104S101CIMM Datasheet HTML 3Page - Texas Instruments ADC104S101CIMM Datasheet HTML 4Page - Texas Instruments ADC104S101CIMM Datasheet HTML 5Page - Texas Instruments ADC104S101CIMM Datasheet HTML 6Page - Texas Instruments ADC104S101CIMM Datasheet HTML 7Page - Texas Instruments ADC104S101CIMM Datasheet HTML 8Page - Texas Instruments ADC104S101CIMM Datasheet HTML 9Page - Texas Instruments ADC104S101CIMM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADC104S101
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
ADC104S101 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500
ksps to 1 Msps, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Parameter
Test Conditions
Typical
Limits(1)
Units
VA = +3.0V
−3.5
tCSU
Setup Time SCLK High to CS Falling Edge
See(2)
10
ns (min)
VA = +5.0V
−0.5
VA = +3.0V
+4.5
tCLH
Hold time SCLK Low to CS Falling Edge
See(2)
10
ns (min)
VA = +5.0V
+1.5
VA = +3.0V
+4
tEN
Delay from CS Until DOUT active
30
ns (max)
VA = +5.0V
+2
VA = +3.0V
+16.5
tACC
Data Access Time after SCLK Falling Edge
30
ns (max)
VA = +5.0V
+15
tSU
Data Setup Time Prior to SCLK Rising Edge
+3
10
ns (min)
tH
Data Valid SCLK Hold Time
+3
10
ns (min)
tCH
SCLK High Pulse Width
0.5 x tSCLK 0.3 x tSCLK
ns (min)
tCL
SCLK Low Pulse Width
0.5 x tSCLK 0.3 x tSCLK
ns (min)
VA = +3.0V
1.7
Output Falling
VA = +5.0V
1.2
tDIS
CS Rising Edge to DOUT High-Impedance
20
ns (max)
VA = +3.0V
1.0
Output Rising
VA = +5.0V
1.0
(1)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC104S101


Podobny numer części - ADC104S101CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMM/NOPB TI-ADC104S101CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMMX/NOPB TI-ADC104S101CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Podobny opis - ADC104S101CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com