Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CNXC Arkusz danych(PDF) 1 Page - Marl International Limited

Numer części CNXC
Szczegółowy opis  CNX C CABLE ASSY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARL [Marl International Limited]
Strona internetowa  http://www.leds.co.uk
Logo MARL - Marl International Limited

CNXC Arkusz danych(HTML) 1 Page - Marl International Limited

  CNXC Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1) Material: U.L. Rating - "Thermoplastic material
used on a secondary circuit"
2) Wire: 1007/1569 24 AWG stranded (105° C)
U.S. / FOREIGN PAT. ISSUED & PEND.
1
2
1
2
DECIMAL
DIAMETER
ANGLE
RADII
DRAWN BY
CHK'D
SCALE
DATE
TOLERANCES
APZ
N/A
±.500
VCC P/N: CNX C CABLE ASSY
1/28/09
VISUAL COMMUNICATIONS COMPANY, INC.
W1
W2
XX.00"
1
2
3
4
5
190 Bosstick Blvd, Suite 101 San Marcos, California 92069 U.S.A.
Phone: (760) 560-1300; Fax: (760) 560-1301; e-mail: vccsales@vcclite.com
DRAWING NO.
DRAWING NO.
REV.
CNX C ASSY
6
NO
DESCRIPTION
DATE BY
REVISIONS
APPROVAL
DATE
CABLE ORDERING CODE (EXAMPLE):
CNX C E
4 1 12
TERMINATION
WIRE SIZE
WIRE COLOR
WIRE LENGTH
Standard
4
24 AWG
1
Wht - Blk
2
Red - Blk
04
4 Inches
06
6 Inches
08
8 Inches
12 12 Inches
18 18 Inches
24 24 Inches
CALL FACTORY DIRECT FOR ADDITIONAL OPTIONS
X = Stripped End
E = Single Row
Order Lens & LED Separately
"CLICK,
IT'S LOCKED"
ORDER POSITIVE LOCKING HEADER SEPARATELY
PANEL
MOUNT
SPC 060
SPACER
5mm
LED
CNX 450 220
CONNECTOR
ORDER PANEL MOUNT, SPACER AND LED SEPARATELY
Panel thickness:
.030" - .045" use 2ea. SPC 060 spacers,
.050" - .100" use 1ea. SPC 060 spacer,
.105" - .125" SPC 060 not required
LED lead length:
CMC 285 = .350" ±.01
CMC 321, CMS 322 = .250"±.01
CMC 285
CMS 322
CMC 321
Anode (+)
White lead
Panel hole:
9/32" (.281")
LENS OPTIONS
LENS STYLE
COLOR
RTP - Red
GTP - Green
ATP - Amber
BTP - Blue
YTP - Yellow
CTP - Clear
CMC 285
CMC 313
CMC 321
CMC 323
CMS 322


Podobny numer części - CNXC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Visual Communications C...
CNXC VCC-CNXC Datasheet
29Kb / 1P
   CABLE ASSY
CNXCE4104 VCC-CNXCE4104 Datasheet
69Kb / 1P
   C CABLE ASSEMBLY
CNXCE4106 VCC-CNXCE4106 Datasheet
69Kb / 1P
   C CABLE ASSEMBLY
CNXCE4108 VCC-CNXCE4108 Datasheet
69Kb / 1P
   C CABLE ASSEMBLY
CNXCE4112 VCC-CNXCE4112 Datasheet
69Kb / 1P
   C CABLE ASSEMBLY
More results

Podobny opis - CNXC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marl International Limi...
CNXC MARL-CNXC_15 Datasheet
29Kb / 1P
   CNX C CABLE ASSY
logo
Visual Communications C...
CNX460E024112 VCC-CNX460E024112 Datasheet
39Kb / 1P
   CNX 460 CABLE ASSEMBLY
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX4401 VCC-CNX4401 Datasheet
37Kb / 1P
   CABLE ASSEMBLY, CNX 440
CNX440E024112 VCC-CNX440E024112 Datasheet
37Kb / 1P
   ASSEMBLY, CNX 440 CABLE
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
List of Unclassifed Man...
C-2159443 ETC2-C-2159443 Datasheet
133Kb / 1P
   Cable Assy
C-2159562 ETC2-C-2159562 Datasheet
224Kb / 2P
   Cable Assy
C-220568 ETC2-C-220568 Datasheet
142Kb / 1P
   Cable Assy
logo
Visual Communications C...
CNXC VCC-CNXC Datasheet
29Kb / 1P
   CABLE ASSY
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com