Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCB05APTAI024A Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części LCB05APTAI024A
Szczegółowy opis  LED Chip on Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

LCB05APTAI024A Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  LCB05APTAI024A Datasheet HTML 1Page - List of Unclassifed Manufacturers LCB05APTAI024A Datasheet HTML 2Page - List of Unclassifed Manufacturers LCB05APTAI024A Datasheet HTML 3Page - List of Unclassifed Manufacturers LCB05APTAI024A Datasheet HTML 4Page - List of Unclassifed Manufacturers LCB05APTAI024A Datasheet HTML 5Page - List of Unclassifed Manufacturers LCB05APTAI024A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TA-I Technology Inc.
Approval Specification Sheet
for TAI024A
Document No
TAI024A
Issued date
2012/07/12
page
5 /6
TA-I TECHNOLOGY CO., LTD
4. Reliability test
No.
Item
Parameter
Specification
1
Solderability
1. Temp.:235±5℃
2. Time:5±1sec
3. solder bath composition:
(Ag/Sn/Cu=3/96.5/ 0.5%)
Coverage>90%
2
Adhesion
test
1. Temp. : RT
2. Tool : 3M-600
3. Time : adhesive 30 seconds
4. Angle : 180°
 The exterior must be no
separate
3
Reflow
1. Temp.:260℃
2. Times:3 cycles
 No yellowing.


Podobny numer części - LCB05APTAI024A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LCB05APTAI021A ETC-LCB05APTAI021A Datasheet
248Kb / 6P
   Approval Specification Sheet
LCB05APTAI022A ETC-LCB05APTAI022A Datasheet
226Kb / 6P
   Approval Specification Sheet
LCB05APTAI023A ETC-LCB05APTAI023A Datasheet
223Kb / 6P
   LED Chip on Board
LCB05APTAI026A ETC-LCB05APTAI026A Datasheet
222Kb / 6P
   LED Circuit Board
More results

Podobny opis - LCB05APTAI024A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LCB05APTAI023A ETC-LCB05APTAI023A Datasheet
223Kb / 6P
   LED Chip on Board
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com