Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV04E120T101- Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części MV04E120T101-
Szczegółowy opis  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MV04E120T101- Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  MV04E120T101- Datasheet HTML 1Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 2Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 3Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 4Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 5Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 6Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 7Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 8Page - List of Unclassifed Manufacturers MV04E120T101- Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
4/9
TA-I TECHNOLOGY CO., LTD
6. Reliability Test
Environmental
Specification
Test Method and Description
High Temperature
Storage/ Dry Heat
The specimen shall be subjected to 150 ± 2℃ for 1000 ± 12 hours in a
thermostatic bath without load and then stored at room temperature and
humidity for 1 to 2 hours. Therefore, the change of varistor voltage shall be
measured.
Temperature Cycle
The temperature cycle of specified
temperature shall be repeated five
times and then stored at room
temperature and humidity for one or
two hours. The change of varistor
voltage and mechanical damage shall
be examined.
Step
Temperature
Period
1
-40±3
30Min±3
2
Room
Temperature
1 hour
3
125±3
30Min±3
4
Room
Temperature
1 hours
High Temperature Load After being continuously applied the maximum allowable voltage at 85 ± 2℃
for 1000± 2 hours, the specimen shall be stored at room temperature and
humidity for one or two hours, Therefore the change of varistor voltage should
be measured.
Dry Heat Load
Damp Heat Load/
The specimen should be subjected to 40± 2℃, 90 to 95﹪ RH and the
maximum allowable voltage for 500 hours and then stored at room temperature
and humidity for one or two hours. Therefore the change of varistor voltage
should be measured.
Humidity Load
Low Temperature
Storage/ Cold
The specimen should be subjected to -50 ± 2℃, without load for 500 hours and
then stored at room temperature for one or two hours. Therefore the change of
varistor voltage should be measured.
Direct contact
electrostatic discharge
1.Discharge: contact electrostatic discharge; 2.Voltage:8KV(Level4)
3.Polarity:+,- ; 4.Number: 10 times ; 5.Interval time:1sec
Direct air electrostatic
discharge
1.Discharge: air electrostatic discharge; 2.Voltage:15KV(Level4)
3.Polarity:+,-; 4.Number: 10 times; 5.Interval time:1~ 3sec


Podobny numer części - MV04E120T101-

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L06T-120 ETC-MV04L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L11T-180 ETC-MV04L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L14T-240 ETC-MV04L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Podobny opis - MV04E120T101-

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com