Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6NX6 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części 6NX6
Szczegółowy opis  Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft. Cord
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

6NX6 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  6NX6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intended Application
Home/Office; Industrial/Factory Floor
OUTPUT
Frequency compatibility
50 / 60 Hz
Circuit Breaker (amps)
15
Outlet quantity / type
6 NEMA 5-15R
Outlet spacing
1.520 in.
Outlet orientation
Single row of 6
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord length (m)
1.8288
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Lighted combination switch / circuit breaker
PHYSICAL
Unit Dimensions (HWD/in)
12.5 x 2.5 x 1.5
Unit Dimensions (HWD/cm)
31.75 x 6.35 x 3.8
Material of construction
Metal
Integrated keyhole mounting tabs
Keyhole mounting tabs enable mounting to a variety of surfaces
Receptacle Color
Black
AC line cord color
Black
Style
Strip
Outlets center to center
measurement
75.9mm
Keyhole slot center to center
measurement
240mm
CERTIFICATIONS
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
WARRANTY
2 / 3


Podobny opis - 6NX6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
4SPDX ETC2-4SPDX Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
6SPDX ETC2-6SPDX Datasheet
483Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
   Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
logo
List of Unclassifed Man...
UL603CB-6 ETC2-UL603CB-6 Datasheet
484Kb / 4P
   Waber-by-Tripp Lite 4-outlet Power Strip with Transparent Power Switch Cover and 6-ft. Cord
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
UL800CB-15 ETC2-UL800CB-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 10 Side-by-Side Outlets and 15-ft. Cord
UL620-15 ETC2-UL620-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com