Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD5810 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD5810
Szczegółowy opis  N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD5810 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
5
Figure 5. Forward Bias Safe Operating Area
NOTE:
Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
J = 25°C unless otherwise noted
110
100
0.1
1
10
100
200
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
DC
200
1
10
100
0.001
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25oC
STARTING TJ = 150oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
20
40
60
01.0
2.0
3.0
4.0
5.0
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 175oC
TJ = 25oC
TJ = -55oC
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
VDD = 6V
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
TC = 25oC
VGS = 10V
VGS = 3.5V
VGS = 3V
VGS = 4.5V
VGS = 4V
VGS = 5V
14
18
22
26
24
68
10
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 35A
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
30
-80
-40
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
2.4
2.8
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 32A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)


Podobny numer części - FDD5810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDD5810 FAIRCHILD-FDD5810 Datasheet
359Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET
logo
Inchange Semiconductor ...
FDD5810 ISC-FDD5810 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_07 Datasheet
359Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET
More results

Podobny opis - FDD5810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB24AN06LA0 FAIRCHILD-FDB24AN06LA0 Datasheet
248Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
logo
MagnaChip Semiconductor...
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com