Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART700DV Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części SMART700DV
Szczegółowy opis  SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700DV Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART700DV Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius.
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius.
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
97.7
Battery mode BTU / hr. (full load)
313.4
AC mode efficiency rating (100%
load)
94%
COMMUNICATIONS
Communications interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
83 (120v), 159 (230v)
High voltage transfer to battery
power (setpoint)
147 (120v), 282 (230v)
SPECIAL FEATURES
High availability UPS features
Hot swappable batteries
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); CE; Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
DCATV
Network Surge Suppressor - Essential protection for TV/VCR coaxial lines
1
DNET1
Network Surge Suppressor - Essential protection for data and communication lines
1
DTEL2
Network Surge Suppressor - Essential protection for data and communication lines
1
4 / 5


Podobny numer części - SMART700DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results

Podobny opis - SMART700DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com