Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART700HG Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SMART700HG
Szczegółowy opis  SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700HG Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART700HG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartPro Medical Grade .7kVA 120V Line
interactive Tower UPS, full isolation, USB & Serial
ports
MODEL NUMBER: SMART700HG
Description
Tripp Lite's SMART 700HG offers medical-grade UPS protection with built-in line interactive voltage regulation, intelligent monitoring and unattended shutdown
capability. UL 60601-1 listed as medical electrical equipment. Built-in isolation transformer with Faraday shield removes common mode noise while
maintaining full AC surge suppression in all modes less than 100 microamps. Resistant to electrostatic discharge. Includes high quality hospital-grade plug and
outlets. 700VA power handling capacity supports computers, inter-networking equipment and other critical loads during commercial power failures. Line
interactive voltage regulation corrects brownouts as low as 81V and overvoltages as high as 143 back to normal 120V levels, saving battery reserves for use
only during complete power failures. Includes 4 outlets, diagnostic LEDs and built-in USB & RS-232 communications ports that work with downloadable
PowerAlert Software and cabling to provide automatic unattended shutdown of connected network and PC applications.
Features
Ideal UPS protection for applications in medical patient-care areas where UL 60601-1 listed medical electrical equipment is required
Built-in isolation transformer with Faraday shield offers full isolation and removes common mode noise while maintaining full AC surge suppression in all
modes
Line-interactive voltage regulation corrects brownouts and overvoltages from 81 to 143 volts back to usable 120V output levels, without using battery
power
Hospital-grade plug and outlets offer added degree of safety and reliability to input/output connections
Full line isolation offers a higher degree of safety and prevents operational problems in sensitive electronic equipment
Resistant to electrostatic discharge
Supports loads up to 700VA/450 watts
42 minutes half load runtime (with 350VA load), 18 minutes full load runtime (with 700VA load)
4 protected hospital-grade outlets; 6-ft. cord
RS-232 and USB monitoring ports for remote monitoring and unattended shutdown
PowerAlert unattended shutdown software available via free download from www.tripplite.com (cabling included)
Complete surge protection, line isolation and EMI/RFI noise filtering
5 diagnostic LEDs indicate AC present, on battery, voltage correction, overload & battery low/replace
Highlights
700VA line interactive tower UPS
Maintains 120V nominal output
over an input range of 82 to 142V
Professional features include
serial port, hospital grade plug &
outlets, built-in isolation
transformer and UL60601-1 listing
Input: NEMA 5-15P (120V 15A) /
Output: 4 NEMA 5-15R (120V)
Leakage current less than 100
microamps
Package Includes
SMART 700HG Medical Grade
UPS System
One USB and One DB9
monitoring cable
Warranty information
Instruction manual
1 / 5


Podobny numer części - SMART700HG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

Podobny opis - SMART700HG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1200XLHG ETC2-SMART1200XLHG Datasheet
502Kb / 7P
   SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com